Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
20
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
6 USB Error Detection
Pin 32 (IOBUS7) of the device is provided to indicate a problem has occurred with the USB connection.
Typical errors include USB Device Not Supported, which would occur if the USB port was connected to a
non-Android class device port e.g. the FT311D is not designed to host memory sticks or printers etc. USB
Device Not Responding and Hub not supported would be reported also if connected to a hub. The signal
states are as follows:
Pin state
Definition
Logic 0
Device connected to USB and functional
Logic 1
Device not connected
One 50ms logic 0 pulse
Device not responding. This pulse occurs at plug-in
and then the signal returns to logic 1. This then
repeats at a 1 second interval.
Two 50ms logic 0 pulses
Device not supported. These pulses occur at plug-
in and then the signal returns to logic 1. This then
repeats at a 1 second interval.
Three 50ms logic 0 pulses
Hub not supported. These pulses occur at plug-in
and then the signal returns to logic 1. This then
repeats at a 1 second interval.
Table 6.1 Error Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com