Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
13
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
5.2.1 UART Mode Signal Descriptions
The UART signals are fixed on the I/O pins. Table 5.1 UART Interface, details the pins for each of the
UART signals.
Pin No
Name
Type
Description
23
uart_txd
Output
Transmit asynchronous data output
24
uart_rxd
Input
Receive asynchronous data input
25
uart_rts#
Output
Request to send control output
26
uart_cts#
Input
Clear to send control input
29
uart_tx_active
output
Transmit enable (typically used for
RS485 designs)
Table 5.1 UART Interface
Note:
The FT311D has to enumerate the Android device before receiving data from the UART device.
This can be implemented by disconnecting the UART TXD signal of external UART device connected to the
FT311D uart_rxd signal until after the FT311D has established the USB link with Android device.
The connection sequence should be:
1. Connect FT311D to Android and complete enumeration.
2. Connect the TXD of UART device to FT311D’s RXD then start to receive data.
There are two methods to implement this function:
1.When FT311D connects to the Android device and enumeration is completed, the USB_ERROR# will
become Logic 0 (default Logic 1). This signal can be used to control the TTL gate (74LVC2G241,
74LVC1G125 or others) ON/OFF such that the TXD/RXD lines are connected/disconnected.
Figure 5-3 UART RXD and TXD connection gated by Enumeration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com