Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
7
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
Pin No.
Name
Type
Description
17
USBDP
INPUT/OUTPUT USB Data Signal Plus.
18
USBDM
INPUT/OUTPUT USB Data Signal Minus.
4
XTIN
INPUT
Input to 12MHz Oscillator Cell. Connect 12MHz crystal
across pins 4 and 5.
5
XTOUT
OUTPUT
Output from 12MHz Oscillator Cell. Connect 12MHz
crystal across pins 4 and 5.
8
TEST1
INPUT
For internal use. Pull to GND
9
TEST2
INPUT
For factory use. Pull to 3V3.
10
RESET#
INPUT
Reset input (active low).
20, 21
NC
-
No connect pins. Leave unterminated.
11
TEST0
OUTPUT
Active low signal that may be used to control a switch
for enabling power to the USB port pin 1 (VBUS).
12
CNFG0
INPUT
Configuration pin 0 used to select between
GPIO,UART,PWM,I2C and SPI.
Pull to Ground = Logic ‘0’(No external resistor needed)
Leave Open = Logic ‘1’ (Internal Pull up is present)
14
CNFG1
INPUT
Configuration pin 1 used to select between
GPIO,UART,PWM,I2C and SPI.
Pull to Ground = Logic ‘0’(No external resistor needed)
Leave Open = Logic ‘1’ (Internal Pull up is present)
15
CNFG2
INPUT
Configuration pin 2 used to select between
GPIO,UART,PWM,I2C and SPI.
Pull to Ground = Logic ‘0’(No external resistor needed)
Leave Open = Logic ‘1’ (Internal Pull up is present)
32
USB_ERROR#
OUTPUT
Output signal to indicate a problem with the USB
connection
Table 3.2 Common Function pins
Pin
No.
Name
Type
Description
23
IOBUS0
INPUT/OUTPUT
I/O signal. Function depends on CNFG pin setting. See table 3.4
24
IOBUS1
INPUT/OUTPUT
I/O signal. Function depends on CNFG pin setting. See table 3.4
25
IOBUS2
INPUT/OUTPUT
I/O signal. Function depends on CNFG pin setting. See table 3.4
26
IOBUS3
INPUT/OUTPUT
I/O signal. Function depends on CNFG pin setting. See table 3.4
29
IOBUS4
INPUT/OUTPUT
I/O signal. Function depends on CNFG pin setting. See table 3.4
30
IOBUS5
INPUT/OUTPUT
I/O signal. Function depends on CNFG pin setting. See table 3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com