Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
29
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
8.6 USB to SPI (Master) Converter
FT311D
1
2
3
4
5
SHIELD
Ferrite
Bead
GND
GND
3V3
GND
VCCIO
VREGOUT
USBDM
USBDP
1V8 PLL VCC IN
RESET#
100nF
100nF
4.7uF
+
IOBUS4
VCC
3V3
REGULATOR
5V
27R
27R
100nF
3V3
IOBUS0
IOBUS1
IOBUS2
IOBUS3
IOBUS5
IOBUS6
IOBUS7
GND
47pF
47pF
CNFG0
CNFG1
CNFG2
GND
SPI SLAVE
e.g. EEPROM,
RTC, CODECs
3V3
10k
SPI_M_CLK
SPI_M_SS#
SPI_M_MISO
SPI_M_MOSI
Figure 8.6 Application Example showing USB to SPI (Master) Converter
This example shows the CNFGx pins set for mode 101 – SPI (Master).
The FT311D SPI Master controls the slave select line and the clock to the external SPI slave.
SPI_M_MOSI is the FT311D data output line which may be Most or Least Significant Bit first.
SPI_M_MISO is the FT311D data input line which may be Most or Least Significant Bit first.
Example SPI Slave devices include memory, RTC, and codec devices.
The unused pins may be left unterminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com