Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT311D-32L1C-R Datasheet(PDF) 23 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 23 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 27Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
23
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
UVdif
Differential Input
Sensitivity
0.2
V
UDrvZ
Driver Output
Impedance
3
6
9
Ohms
Table 7.4 USB I/O Pin (USBDP, USBDM) Characteristics
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCCK
Power supply of internal
core cells and I/O to core
interface
1.62
1.8
1.98
V
1.8V power
supply
VCC18IO
Power supply of 1.8V
OSC pad
1.62
1.8
1.98
V
1.8V power
supply
TJ
Operating junction
temperature
-40
25
125
°C
Iin
Input leakage current
-10
±1
10
µA
Iin = VCC18IO or
0V
Ioz
Tri-state output leakage
current
-10
±1
10
µA
Table 7.5 Crystal Oscillator 1.8 Volts DC Characteristics
7.2 ESD and Latch-up Specifications
Description
Specification
Human Body Mode (HBM)
± 2000V
Machine mode (MM)
± 200V
Charged Device Mode (CDM)
± 500V
Latch-up
> ± 200mA
Table 7.6 ESD and Latch-up Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com