Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 2Page - STMicroelectronics HVLED001 Datasheet HTML 3Page - STMicroelectronics HVLED001 Datasheet HTML 4Page - STMicroelectronics HVLED001 Datasheet HTML 5Page - STMicroelectronics HVLED001 Datasheet HTML 6Page - STMicroelectronics HVLED001 Datasheet HTML 7Page - STMicroelectronics HVLED001 Datasheet HTML 8Page - STMicroelectronics HVLED001 Datasheet HTML 9Page - STMicroelectronics HVLED001 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pin settings
HVLED001
6/27
DocID027333 Rev 1
3
Pin settings
Figure 3. Pin connection
Table 2. Pin description
Symbol Pin
Description
HVSU
1
High voltage start-up and input voltage detection.
The pin, able to withstand 800 V, is to be tied to the input voltage using a low value resistor
(1 k
 typ.). It embeds the internal start-up unit that charges the capacitor connected between the
VCC pin and GND pin during the start-up and low consumption.
During the operational mode, the voltage at this pin is used to both measure the input voltage and
detect input overvoltages.
N.C.
2
Not connected pin.
TOFF
3
A blanking time for zero voltage detection can be set applying a voltage to this pin. A minimum
blanking time is obtained leaving the pin unconnected.
FB
4
Input for loop regulation.
The pin is intended to be directly driven by the phototransistor (emitter-grounded) of an optocoupler
and / or to the compensation network related to the output voltage primary side regulation loop.
An upper threshold VOFP detects a failure of the optocoupler.
The burst-mode and disable conditions are also related to the voltage applied to this pin.
CTRL
5
This pin is used to disable the IC and generate the soft-start ramp.
External active circuitry can be used to turn off the application.
ZCD
6
Multiple function pin able to detect the zero current instant, to sense the output voltage for primary
side regulation and the input voltage for brownout detection.
A negative-going edge triggers the MOSFET's turn on, while an internal starter unit is active to
generate the triggering signal when not externally available (e.g.: start-up).
CS
7
Input to the current sense comparator for the power regulation.
A second level overcurrent (OCP) threshold detects abnormal currents (e.g.: due to transformer's
saturation) and, on this occurrence, activates the second level overcurrent protection procedure.
GND
8
Reference pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com