Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 17 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 13Page - STMicroelectronics HVLED001 Datasheet HTML 14Page - STMicroelectronics HVLED001 Datasheet HTML 15Page - STMicroelectronics HVLED001 Datasheet HTML 16Page - STMicroelectronics HVLED001 Datasheet HTML 17Page - STMicroelectronics HVLED001 Datasheet HTML 18Page - STMicroelectronics HVLED001 Datasheet HTML 19Page - STMicroelectronics HVLED001 Datasheet HTML 20Page - STMicroelectronics HVLED001 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
DocID027333 Rev 1
17/27
HVLED001
Application information
27
7.1.4
Low consumption mode
This state is intended to stop the switching activity reducing the power consumption to
a minimum level. The soft-start procedure is set to be performed when abnormal or
disabling condition is removed.
During this state the VCC is kept between VCC,su and VCC,on by the high voltage start-up
unit (HVSU) delivering Icharge to the output capacitor.
Note:
Important: HVSU charges VCC so any other external voltage (including auxiliary winding)
must be decoupled using a 1N4148 diode.
7.1.5
Soft-start
The soft-start phase is entered after the start-up and every time the IC exits from low
consumption mode. This phase lasts until the voltage at the CTRL pin reaches the “end of
soft-start” level (Veoss).
The current sense maximum limit is derived from this voltage, therefore the charging time of
a capacitor placed between the CTRL pin and GND defines the soft-start time.
During this phase some protections (optocoupler failure protection (OFP), brownout (BO)
and analog disable (AN_DIS) are ignored.
7.2
Control loop
The control loop is based on the current mode quasi-resonant flyback control scheme and is
therefore performed turning off the MOSFET when the peak of its source current reaches
the threshold set by the control loop, and turning the MOSFET on in correspondence of the
resonant valley following the primary side demagnetization input.
A detail of the block involved into this scheme is shown in Figure 8.
Figure 8. Control loop blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com