Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 23 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 19Page - STMicroelectronics HVLED001 Datasheet HTML 20Page - STMicroelectronics HVLED001 Datasheet HTML 21Page - STMicroelectronics HVLED001 Datasheet HTML 22Page - STMicroelectronics HVLED001 Datasheet HTML 23Page - STMicroelectronics HVLED001 Datasheet HTML 24Page - STMicroelectronics HVLED001 Datasheet HTML 25Page - STMicroelectronics HVLED001 Datasheet HTML 26Page - STMicroelectronics HVLED001 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
DocID027333 Rev 1
23/27
HVLED001
Application information
27
7.7
Disable and monitor feature
Several disabling means are available to externally disable the IC:
1.
Driving FB pin low (FB_DIS): this occurrence immediately stops the switching activity
until the FB voltage returns above the threshold.
2.
Driving CTRL pin low (CTRL_DIS): this occurrence immediately puts the device in
the low consumption mode; when the CTLR pin is left free, the internal biasing mean
pulls-up the voltage above the threshold entering the soft-start procedure.
3.
Driving CTRL pin high (AN_DIS): a CTRL voltage higher than the threshold for a time
longer than Tdis causes the device to enter the low consumption mode. The ART timer
performs an auto-recover procedure after Trec.
Anytime the HVLED001 device enters low consumption, an internal pull-down discharges
the soft-start capacitor and resets the soft-start time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com