Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 1 Page - STMicroelectronics

  HVLED001 Datasheet HTML 1Page - STMicroelectronics HVLED001 Datasheet HTML 2Page - STMicroelectronics HVLED001 Datasheet HTML 3Page - STMicroelectronics HVLED001 Datasheet HTML 4Page - STMicroelectronics HVLED001 Datasheet HTML 5Page - STMicroelectronics HVLED001 Datasheet HTML 6Page - STMicroelectronics HVLED001 Datasheet HTML 7Page - STMicroelectronics HVLED001 Datasheet HTML 8Page - STMicroelectronics HVLED001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
January 2015
DocID027333 Rev 1
1/27
HVLED001
Offline controller for LED lighting with constant voltage primary-
sensing and high power factor
Datasheet
- production data
Features
 Quasi-resonant (QR) topology
 Primary side regulation of output voltage
 Direct optocoupler connection for current loop
regulation with feedback disconnection
detection and disable
 800 V high voltage start-up
 High power factor and low THD in universal
range
 High efficiency and output stability in wide
voltage and current range
 Low start-up and quiescent current
 Programmable minimum off time
 Integrated input voltage detection for high
power factor capability and protection
triggering
 Latch free device guarantee by smart
autoreload timer (ART)
 0 - 10 and PWM dimming compatible
 Remote control pin
Applications
 Single stage LED drivers with high power factor
up to 75 W
 Two stages LED drivers up to 150 W
Description
The HVLED001 is an enhanced peak current
mode controller capable of controlling mainly high
power factor (HPF) flyback or buck-boost
topologies in LED drivers having an output power
up to 150 W. Some other topologies, like buck,
boost and SEPIC can also be implemented.
ST’s innovative high voltage technology allows
direct connection of the HVLED001 to the input
voltage in order to both start up the device and
monitor the input voltage without the need for
external components.
Advanced features are embedded to control
either the output voltage or output current
precisely and reliably using a reduced number of
components, mainly passive. Startup and light-
load conditions are managed by dedicated
operating schemes to improve the quality of
output variable regulation in the final application.
Abnormal conditions such as open circuit, output
short-circuit, input overvoltage/undervoltage, and
circuit failures such as open loop and overcurrent
of the main switch are effectively controlled.
A smart auto-recover timer (ART) function is built
in to guarantee automatic application recovery,
without loss of reliability.
SSOP10
Table 1. Device summary
Order code
Package
Packaging
HVLED001
SSOP10
Tube
HVLED001TR
Tape and reel
www.st.com


Similar Part No. - HVLED001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HVLED001A STMICROELECTRONICS-HVLED001A Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
HVLED001ATR STMICROELECTRONICS-HVLED001ATR Datasheet
724Kb / 30P
Offline controller for LED lighting with constant voltage primarysensing and high power factor
26-May-2016
HVLED001B STMICROELECTRONICS-HVLED001B Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
HVLED001BTR STMICROELECTRONICS-HVLED001BTR Datasheet
1Mb / 33P
High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
15-Jan-2019
More results

Similar Description - HVLED001

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
logo
STMicroelectronics
L6563H STMICROELECTRONICS-L6563H Datasheet
1Mb / 48P
High voltage start-up transition-mode PFC
01-Feb-2010
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
Ultra High Voltage Start Up
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Lowpower Semiconductor ...
LP6201 POWER-LP6201 Datasheet
520Kb / 9P
Low voltage start-up:0.9V
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
1.3V Start-up Input Voltage
logo
International Rectifier
IRS25751LPBF IRF-IRS25751LPBF_15 Datasheet
610Kb / 13P
High-Voltage Start-Up IC
logo
Microchip Technology
LR745 MICROCHIP-LR745 Datasheet
333Kb / 15P
High-Input Voltage SMPS Start-up
01/27/15
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
High-Voltage Start-Up IC
January 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com