Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 19 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 15Page - STMicroelectronics HVLED001 Datasheet HTML 16Page - STMicroelectronics HVLED001 Datasheet HTML 17Page - STMicroelectronics HVLED001 Datasheet HTML 18Page - STMicroelectronics HVLED001 Datasheet HTML 19Page - STMicroelectronics HVLED001 Datasheet HTML 20Page - STMicroelectronics HVLED001 Datasheet HTML 21Page - STMicroelectronics HVLED001 Datasheet HTML 22Page - STMicroelectronics HVLED001 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
DocID027333 Rev 1
19/27
HVLED001
Application information
27
The TOFF pin is intended to select the blanking time duration. If the pin is left unconnected
a fixed blanking time is provided.
The TBLANK value depends on Toff voltage (Figure 9).
Figure 9. TBLANK voltage vs Tblank time (typical)
An internal starter provides the triggering signal whenever a valid arming signal is not
detected.
The ZCD pin embeds a negative clamp to limit the negative-going current.
7.2.4
Primary side regulation feature
The ZCD pin is also is used as input of the PSR error amplifier (E/A). The reference voltage
of this loop is internally fixed to VREF,PSR and applied to the non-inverting input of the E/A.
The output of such error amplifier is connected to the FB pin where the relevant
compensation network has to be connected.
In a flyback or buck-boost topology the output voltage can be read from the primary side
using an auxiliary winding: in this case the output voltage is obtained using the following
equation:
Equation 3
Vout
VREF PSR
NSEC
NAUX
--------------
1
Rzcd
Rfb
--------------
+


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com