Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 20 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 16Page - STMicroelectronics HVLED001 Datasheet HTML 17Page - STMicroelectronics HVLED001 Datasheet HTML 18Page - STMicroelectronics HVLED001 Datasheet HTML 19Page - STMicroelectronics HVLED001 Datasheet HTML 20Page - STMicroelectronics HVLED001 Datasheet HTML 21Page - STMicroelectronics HVLED001 Datasheet HTML 22Page - STMicroelectronics HVLED001 Datasheet HTML 23Page - STMicroelectronics HVLED001 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Application information
HVLED001
20/27
DocID027333 Rev 1
The internal small signal model of the PSR E/A is obtained considering the voltage gain
(GV = 73 dB) and the gain bandwidth product (GBWP = 1 MHz) and is illustrated in
Figure 10.
Figure 10. PSR E/A small signal model
7.2.5
Burst-mode operation
As soon as the FB pin drops below Vbm, the burst-mode operating mode is entered. The
switching activity is temporarily interrupted until the FB voltage returns above the Vbm
value. An internal hysteresis improves the noise rejection of this feature. The FB biasing
current follows the same rules as in the normal operation; therefore the burst-mode
operation is either defined by the secondary side error amplifier when an optocoupler is
used or by the internal error amplifier if the PSR operation is on.
An internal biasing mean prevents the FB voltage to drop below disabling thresholds during
the inactive state.
7.3
Gate driver
The output stage, connected to VCC potential and capable of the 300 mA source and the
600 mA sink current, is suitable to drive high current MOSFETs. The resulting managed
power can be greater than 150 W.
7.4
IC supply management
The IC's voltage supply is managed by the UVLO circuitry together with the high voltage
start-up unit and reference generators. These logics define also supply currents during
different operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com