Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 18 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 14Page - STMicroelectronics HVLED001 Datasheet HTML 15Page - STMicroelectronics HVLED001 Datasheet HTML 16Page - STMicroelectronics HVLED001 Datasheet HTML 17Page - STMicroelectronics HVLED001 Datasheet HTML 18Page - STMicroelectronics HVLED001 Datasheet HTML 19Page - STMicroelectronics HVLED001 Datasheet HTML 20Page - STMicroelectronics HVLED001 Datasheet HTML 21Page - STMicroelectronics HVLED001 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Application information
HVLED001
18/27
DocID027333 Rev 1
7.2.1
Current sense input
The peak of the primary current is read across a shunt resistor placed between the
MOSFET's source and compared with a threshold equal to:
Equation 1
Where the term VHVSU,pk is the maximum value of the HVSU voltage within around 20 ms
and is used to compensate the dependency on the input voltage of the open loop gain
transfer function. The gain kp collects all the proportional terms between the HVSU voltage
and CS threshold.
A leading edge blanking time (LEB) is applied after MOSFET's turn on.
The Vcs signal is upper limited to a value that depends on the CTRL voltage and is lower
limited to a level defined as:
Equation 2
VCS,min = VHVSU • 0.15
A second level OCP threshold is present to temporarily stop the switching activity in case of
inductor saturation.
7.2.2
Feedback input
The FB pin is intended to be connected directly to the collector of the optocoupler that
provides the galvanic insulation to the control loop as well as to act as compensation output
for the primary side control (PSR) loop of the output voltage (see Section 7.2.4). A suitable
RC network can be placed between FB and ground to compensate the control loop.
In case of constant output voltage applications, the PSR loop can be used to regulate the
output voltage saving the secondary side error amplifier.
The FB voltage is also used as an input parameter for the burst-mode operation described
in Section 7.2.5.
The pin embeds protection to prevent from the operation with the failed optocoupler and can
be pulled to ground to interrupt the switching activity (stop mode).
7.2.3
Zero current detection
The zero level detection is performed by a trigger logic that, once armed by a rising voltage,
is sensitive to falling edges. The advanced ZCD logic is able to discriminate between the
normal operation, output short-circuit or start-up condition.
An internal blanking time prevents any triggering signal to activate the MOSFET's at the
very beginning of the off time, where spurious resonances could be present. As a result, the
first falling edge occurring after the blanking time turns on the MOSFET.
To ensure a proper operation, the transformer has to be designed to guarantee that the
inductor's demagnetization time is longer than TBLANK (at VTOFF > VTOFF,fix) when the
VCS value (Equation 1: ) is higher than 0.3 V (typ.).
VCS kp
VHVSU
VHVSU pk
-------------------------------
VFB VFB ref
–

+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com