Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 9 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 5Page - STMicroelectronics HVLED001 Datasheet HTML 6Page - STMicroelectronics HVLED001 Datasheet HTML 7Page - STMicroelectronics HVLED001 Datasheet HTML 8Page - STMicroelectronics HVLED001 Datasheet HTML 9Page - STMicroelectronics HVLED001 Datasheet HTML 10Page - STMicroelectronics HVLED001 Datasheet HTML 11Page - STMicroelectronics HVLED001 Datasheet HTML 12Page - STMicroelectronics HVLED001 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
DocID027333 Rev 1
9/27
HVLED001
Electrical characteristics
27
5
Electrical characteristics
Tj = Ta = 25 °C production tested, VCC = 15 V, unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max. Unit
Supply voltage
VCC
VCC Operating range
After turn on(1)
9.7
18
V
VCC,on
VCC
Turn on threshold
(2)
12
13
14
V
VCC,su
VCC
Low consumption mode
activation
Low consumption mode(2)
8.8
9.2
9.7
V
Start-up
2.2
3
3.8
V
VCC,shd
VCC VCC for IC reset
Low consumption(2)
7.8
8.5
9.2
V
Supply current
Istart-up
VCC Start-up current
Start-up, VCC < VCC,on
125
250
A
ICC
VCC Operating supply current
Stop mode, FB < VFB,dis
2.6
4
mA
See Figure 4: Graph 1: VCC current
consumption on page 13
Iq
VCC Quiescent current
Low consumption mode,
CTRL < VCTRL,dis
330
480
A
High voltage start-up generator
VHV
HVSU Breakdown voltage
IHV < 100
A
800
V
VHV,op
HVSU Operating voltage range
(1)
VHV
V
VHVstart
HVSU Start voltage
IVCC < 100 A
40
46
55
V
Icharge,su
VCC Initial charging current
VHVSU > VHvstart, VCC < 2 V
0.15
0.5
0.9
mA
Icharge
VCC VCC charge current
VHVSU > VHvstart, start-up,
VCC < VCC,on
23.4
5
mA
IHV, ON
HVSU ON-state current
VHVSU > VHvstart, VCC < 2 V
0.2
0.7
1.1
mA
VHVSU > VHvstart, start-up,
VCC < VCC,on
2.3
4
6
IHV, OFF
HVSU
OFF-state leakage
current
VHVSU = 400 V, active mode
18
35
A
Input voltage sensing
Vsurge
HVSU
Surge protection
threshold
(3)
540
V
Tsurge
HVSU
Max. stop state duration
after surge
VHVSU > Vsurge(4)
910
11
ms
Feedback input
VFB
FB
FB pin regulation voltage
range
Active mode(1)
1.085
2.8
V
VFB,ref
FB
FB reference voltage
Active mode(5), (6)
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com