Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 11 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 7Page - STMicroelectronics HVLED001 Datasheet HTML 8Page - STMicroelectronics HVLED001 Datasheet HTML 9Page - STMicroelectronics HVLED001 Datasheet HTML 10Page - STMicroelectronics HVLED001 Datasheet HTML 11Page - STMicroelectronics HVLED001 Datasheet HTML 12Page - STMicroelectronics HVLED001 Datasheet HTML 13Page - STMicroelectronics HVLED001 Datasheet HTML 14Page - STMicroelectronics HVLED001 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
DocID027333 Rev 1
11/27
HVLED001
Electrical characteristics
27
VZCD,cl_l
ZCD
ZCD negative clamping
voltage
IZCD src = 1 mA
-230
-135
mV
IZCDb
ZCD
ZCD pin biasing current
VZCD = 0.1 to 2.6 V(3)
1µA
IBO
ZCD
Brownout detection level
Sourcing during on time(3)
100
µA
TBO
ZCD
Brownout detection time
IZCD < IBO(4)
90
100
110
ms
Td,ZCD
ZCD
ZCD propagation delay
Measured from last VZCD,trig
crossing and GD rising edge(3)
300
ns
Timing
Trec
Recovery time after opto
failure, analogue disable
or brownout
(4)
2.2
2.5
2.8
s
Gate driver
VGDH
GD
Output high voltage
IGD,source = 5 mA
14.5
V
VGDL
GD
Output low voltage
IGD,sink = 5 mA
0.1
V
Isource
GD
Output source peak
current
VGD = 7.5 V(3)
0.3
A
Isink
GD
Output sink peak current
VGD = 7.5 V(3)
0.6
A
Tf
GD
Fall time
CGD = 1 nF, from 13.5 V to 1.5 V
15
ns
Tr
GD
Rise time
CGD = 1 nF, from 1.5 V to 13.5 V
30
ns
VGD,shd
GD
Maximum voltage during
shutdown
Vcc < VCC,shd, IGD = 2 mA
1
2
V
CTRL input
VCTRL,dis CTRL Disabling threshold
Negative-going edge(10)
0.4
0.5
0.6
V
Vadis
CTRL Timed disabling threshold (10)
2.4
2.6
2.85
V
TADIS
CTRL
Max. operating interval
after analog disable
feature triggering
VCTRL > Vadis(4)
90
100
110
ms
Vctrl,bias
CTRL CTRL biasing voltage
Tamb = 25 °C(10)
1.85
2.05
2.25
V
Over whole temp. range(3)
1.75
2.35
Ictrl,bias
CTRL CTRL biasing current
VCTRL = 0 V
5
10
15
µA
Rctrl
CTRL Internal parallel resistor
(11)
205
k
Vctrl,pd
CTRL
Pin voltage during low
consumption (power
good)
Low consumption, ICTRL = 0.2 mA
0.2
V
Veoss
CTRL End of soft-start level
(10)
1.7
1.8
1.9
V
TOFF characteristics
VTOFF
TOFF Operating range
(1)
GND
3.3
V
VTOFF,fix
TOFF
Minimum fixed TBLANK
voltage
(3)
2V
Table 5. Electrical characteristics (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com