Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 12 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 8Page - STMicroelectronics HVLED001 Datasheet HTML 9Page - STMicroelectronics HVLED001 Datasheet HTML 10Page - STMicroelectronics HVLED001 Datasheet HTML 11Page - STMicroelectronics HVLED001 Datasheet HTML 12Page - STMicroelectronics HVLED001 Datasheet HTML 13Page - STMicroelectronics HVLED001 Datasheet HTML 14Page - STMicroelectronics HVLED001 Datasheet HTML 15Page - STMicroelectronics HVLED001 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Electrical characteristics
HVLED001
12/27
DocID027333 Rev 1
koff
TOFF TOFF characteristic slope (3)
100
µs /
V
ITOFFpu
TOFF Pull-up current
5
12
20
µA
VTOFF,bias TOFF Internal bias voltage
(3)
2.4
V
1. Operating conditions not associated with specific production test.
2. Parameters in tracking group 1.
3. Parameters not tested in production.
4. Parameter calculated.
5. Parameters in tracking group 2.
6. kp parameter includes the overall tolerances of the multiplier block defined as per note 8.
7. Parameters in tracking group 3.
8.
VHVSU,pk indicates the maximum value of VHVSU.
9. TBLANK = MAX {koff • (VTOFF,fix - VTOFF)}.
10. Parameters in tracking group 4.
11. VCTRL,bias/ICTRL,bias.
Table 5. Electrical characteristics (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max. Unit
VCS
kp
VHVSU
VHVSU pk
,
-------------------------------- VFB VFB ref
,
–
OR VCS min,
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com