Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 15 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 11Page - STMicroelectronics HVLED001 Datasheet HTML 12Page - STMicroelectronics HVLED001 Datasheet HTML 13Page - STMicroelectronics HVLED001 Datasheet HTML 14Page - STMicroelectronics HVLED001 Datasheet HTML 15Page - STMicroelectronics HVLED001 Datasheet HTML 16Page - STMicroelectronics HVLED001 Datasheet HTML 17Page - STMicroelectronics HVLED001 Datasheet HTML 18Page - STMicroelectronics HVLED001 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
DocID027333 Rev 1
15/27
HVLED001
Application information
27
Figure 6. High power factor flyback – primary side regulated constant output voltage
The HVLED001 has four main operating modes: the start-up mode, active mode, stop mode
and low consumption mode.
7.1.1
Start-up mode
This state is entered to begin the switching activity (during application's turn on or exiting
from low consumption state). The HVSU is involved into the mechanism of VCC charging;
all other peripherals, except the UVLO and logic supply, are turned off to minimize the start-
up time.
During this state the CTLR pin is internally pulled to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com