Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVLED001 Datasheet(PDF) 21 Page - STMicroelectronics

Part # HVLED001
Description  800 V high voltage start-up
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button HVLED001 Datasheet HTML 17Page - STMicroelectronics HVLED001 Datasheet HTML 18Page - STMicroelectronics HVLED001 Datasheet HTML 19Page - STMicroelectronics HVLED001 Datasheet HTML 20Page - STMicroelectronics HVLED001 Datasheet HTML 21Page - STMicroelectronics HVLED001 Datasheet HTML 22Page - STMicroelectronics HVLED001 Datasheet HTML 23Page - STMicroelectronics HVLED001 Datasheet HTML 24Page - STMicroelectronics HVLED001 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DocID027333 Rev 1
21/27
HVLED001
Application information
27
7.4.1
VCC supply management
The IC is designed to operate with a range of supply voltage to ensure an optimum gate
driving. An active limiting device is embedded to prevent low energy fluctuations to bring the
VCC voltage above the technological constraints.
Both the active mode and the low consumption mode exhibits very low supply currents in
order to meet energy saving regulation.
The VCC pin can be driven independently from the HVSU pin's connection, for example
when auxiliary supply voltage is present. In this case the HVSU pin will be used solely to
monitor input voltage.
A bulk capacitor, having a capacitance of around 10 µF, followed by a ceramic capacitor,
having a typical capacitance of 100 nF and connected very tight to the VCC pin, are
necessary to properly sustain the Vcc voltage during all operating phases.
7.4.2
High voltage start-up
High voltage start-up (HVSU) circuitry is primarily intended to provide the start-up current to
the VCC pin and maintain the IC responsive during low consumption modes.
This structure is able to sustain at least 800 V to avoid any damage in case of a surge or
a burst on the stage's input.
The overall structure is off until input voltage reaches the VHVSU, start threshold, after that
it sources a minimum current (Icharge,su) to charge the VCC pin up to Vcc,su threshold.
This condition prevents the IC from severe damaging effects in case of a short-circuit on the
VCC pin.
At this VCC voltage a higher current (Icharge) is provided to VCC to reach the VCC,on
threshold. At this occurrence the active mode is invoked and the HVSU is turned off.
During other active mode's phases and the stop mode the HVSU is off.
If the low consumption mode is entered, the HVSU unit is turned on.
Table 6 summarizes the HVSU behavior in all IC conditions.
Table 6. HVSU operating modes
Operating condition (see Figure 7)
VCC range
OFF Icharge,su Icharge
All states if VIN < VHVSU,ON
-
X
Start-up (logic start-up)
0 V
… Vcc,su
X
Start-up (IC start-up)
Vcc,su
… Vcc,on
X
Active mode (no switching period)
Vcc,su
… VCC,MAX
X
Active mode (switching period)
Vcc,su
… VCC,MAX
X
Stop mode
Vcc,su
… VCC,MAX
X
Low consumption mode
Vcc,su Vcc,on (rising)
X
Low consumption mode (after the end of entering conditions)
Vcc,su
… Vcc,on
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com