Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 18 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 14Page - STMicroelectronics LIS2HH12 Datasheet HTML 15Page - STMicroelectronics LIS2HH12 Datasheet HTML 16Page - STMicroelectronics LIS2HH12 Datasheet HTML 17Page - STMicroelectronics LIS2HH12 Datasheet HTML 18Page - STMicroelectronics LIS2HH12 Datasheet HTML 19Page - STMicroelectronics LIS2HH12 Datasheet HTML 20Page - STMicroelectronics LIS2HH12 Datasheet HTML 21Page - STMicroelectronics LIS2HH12 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Digital main blocks
LIS2HH12
18/47
DocID025344 Rev 5
5
Digital main blocks
5.1
Activity/Inactivity function
The Activity/Inactivity recognition function allows reducing the power consumption of the
system in order to develop new smart applications.
When the Activity/Inactivity recognition function is activated, the LIS2HH12 is able to
automatically go to 10Hz sampling rate and to wake up as soon as the interrupt event has
been detected, increasing the output data rate and bandwidth.
With this feature the system may be efficiently switched from low-power mode to full
performance depending on user-selectable positioning and acceleration events, thus
ensuring power saving and flexibility.
The Activity/Inactivity recognition function is activated by writing the desired threshold in the
ACT_THS (1Eh) register. The high-pass filter is automatically enabled.
When the acceleration falls below the threshold for a duration of at least (8 ACT_DUR
+1)/ODR, the CTRL1 (20h) (ODR [2:0]) bits of CTRL1 are bypassed (Inactivity) and
internally set to 10Hz (ODR [2:0] = 001), but the content of the CTRL1 (20h) (ODR [2:0]) bits
are left untouched.
When the acceleration exceeds the threshold (ACT_THS (1Eh)), the ODR setting in CTRL1
(20h) is restored immediately (Activity).
Once the Activity/Inactivity detection function is enabled, the status can be brought out on
INT1 by setting the CTRL3 (22h) (INT1_INACT) bit to 1.
To disable the Activity/Inactivity detection function, set the content of the ACT_THS (1Eh)
register to 00h.
Table 9. Activity/Inactivity function control registers
Register
LSB value
ACT_THS
Full scale / 128 [mg]
ACT_DUR
8/ODR [s]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com