Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 32 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 28Page - STMicroelectronics LIS2HH12 Datasheet HTML 29Page - STMicroelectronics LIS2HH12 Datasheet HTML 30Page - STMicroelectronics LIS2HH12 Datasheet HTML 31Page - STMicroelectronics LIS2HH12 Datasheet HTML 32Page - STMicroelectronics LIS2HH12 Datasheet HTML 33Page - STMicroelectronics LIS2HH12 Datasheet HTML 34Page - STMicroelectronics LIS2HH12 Datasheet HTML 35Page - STMicroelectronics LIS2HH12 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Register description
LIS2HH12
32/47
DocID025344 Rev 5
ODR [2:0] is used to set the power mode and ODR selection. The following table lists the bit
settings for power-down mode and each available frequency.
The BDU bit is used to inhibit the update of the output registers until both upper and lower
register parts are read. In default mode (BDU = ‘0’) the output register values are updated
continuously. When the BDU is activated (BDU = ‘1’), the content of the output registers is
not updated until both MSB and LSB are read which avoids reading values related to
different sample times.
Table 24. ODR register setting
ODR2
ODR1
ODR0
Power-down and ODR
selection
0
0
0
Power-down
0
0
1
10 Hz
0
1
0
50 Hz
0
1
1
100 Hz
1
0
0
200 Hz
1
0
1
400 Hz
1
1
0
800 Hz
1
1
1
N.A.
Table 25. Low-pass cutoff frequency in high resolution mode (HR = 1)
HR
CTRL2 (DFC [1:0])
LP cutoff freq. [Hz]
1
00
ODR/50
1
01
ODR/100
1
10
ODR/9
1
11
ODR/400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com