Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 39 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 35Page - STMicroelectronics LIS2HH12 Datasheet HTML 36Page - STMicroelectronics LIS2HH12 Datasheet HTML 37Page - STMicroelectronics LIS2HH12 Datasheet HTML 38Page - STMicroelectronics LIS2HH12 Datasheet HTML 39Page - STMicroelectronics LIS2HH12 Datasheet HTML 40Page - STMicroelectronics LIS2HH12 Datasheet HTML 41Page - STMicroelectronics LIS2HH12 Datasheet HTML 42Page - STMicroelectronics LIS2HH12 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
DocID025344 Rev 5
39/47
LIS2HH12
Register description
47
8.18
IG_CFG1 (30h)
Interrupt generator 1 configuration register (r/w)
Table 46. IG_CFG1 configuration register
Table 47. IG_CFG1 configuration register description
8.19
IG_SRC1 (31h)
Interrupt generator 1 status register (r)
Table 48. IG1_SRC1 register
Table 49. IG1_SRC1 register description
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
AOI
And/Or combination of Interrupt events. Default value: 0
6D
6-direction detection function enabled. Default value: 0
ZHIE
Enable interrupt generation on Z high event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
ZLIE
Enable interrupt generation on Z low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
YHIE
Enable interrupt generation on Y high event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
YLIE
Enable interrupt generation on Y low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
XHIE
Enable interrupt generation on X high event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
XLIE
Enable interrupt generation on X low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
-
IA
ZH
ZL
YHYL
XHXL
IA
Interrupt Active. Default value: 0 (0: no interrupt has been generated; 1: one or
more interrupt event has been generated)
ZH
Z High. Default value: 0 (0: no interrupt; 1: ZH event has occurred)
ZL
Z Low. Default value: 0 (0: no interrupt; 1: ZL event has occurred)
YH
Y High. Default value: 0 (0: no interrupt; 1: YH event has occurred)
YL
Y Low. Default value: 0 (0: no interrupt; 1: YL event has occurred)
XH
X High. Default value: 0 (0: no interrupt; 1: XH event has occurred)
XL
X Low. Default value: 0 (0: no interrupt; 1: XL event has occurred)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com