Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 19 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 15Page - STMicroelectronics LIS2HH12 Datasheet HTML 16Page - STMicroelectronics LIS2HH12 Datasheet HTML 17Page - STMicroelectronics LIS2HH12 Datasheet HTML 18Page - STMicroelectronics LIS2HH12 Datasheet HTML 19Page - STMicroelectronics LIS2HH12 Datasheet HTML 20Page - STMicroelectronics LIS2HH12 Datasheet HTML 21Page - STMicroelectronics LIS2HH12 Datasheet HTML 22Page - STMicroelectronics LIS2HH12 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
DocID025344 Rev 5
19/47
LIS2HH12
Digital main blocks
47
5.2
Data stabilization time / ODR change
The data stabilization time required when an ODR change is applied in order to have valid
usable data depends on the BW and ODR selected.
The table below provides the number of samples to be discarded in order to obtain valid
usable data.
5.3
FIFO
The LIS2HH12 embeds an acceleration data FIFO for each of the three output channels, X,
Y and Z. This allows consistent power saving for the system, since the host processor does
not need to continuously poll data from the sensor, but it can wake up only when needed
and burst the significant data out from the FIFO. This buffer can work according to the
following different modes: Bypass mode, FIFO-mode, Stream mode, Stream-to-FIFO mode,
Bypass-to-Stream, Bypass-to-FIFO. Each mode is selected by the FIFO_MODE bits in the
FIFO_CTRL (2Eh) register. Programmable FIFO threshold level, FIFO empty or FIFO
overrun events are available in the FIFO_CTRL (2Eh) register and can be set to generate
dedicated interrupts on the INT1 or INT2 pin.
FIFO_SRC (2Fh) (EMPTY) is equal to '1' when no samples are available.
FIFO_SRC (2Fh)(FTH) goes to '1' if new data arrives and FIFO_SRC (2Fh)(FSS [4:0]) is
greater than or equal to FIFO_CTRL (2Eh) (FTH [4:0]). FIFO_SRC (2Fh) (FTH) goes to '0' if
reading X, Y, Z data slot from FIFO and FIFO_SRC (2Fh) (FSS [4:0]) is less than or equal to
FIFO_CTRL (2Eh) (FTH [4:0]).
FIFO_SRC (2Fh) (OVR) is equal to '1' if a FIFO slot is overwritten.
The FIFO feature is enabled by writing the CTRL3 (22h) (FIFO_EN) bit to '1' in control
register 3.
In order to guarantee the correct acquisition of data during the switching into and out of
FIFO mode, the first sample acquired must be discarded.
5.3.1
Bypass mode
In Bypass mode (FIFO_CTRL (2Eh) (FMODE [2:0])= 000), the FIFO is not operational and it
remains empty.
Bypass mode is also used to reset the FIFO when in FIFO mode.
Table 10. Number of samples to be discarded
ODR [Hz]
BW = 400 Hz
BW = 200 Hz
BW = 100 Hz
BW = 50 Hz
10
1
---
50
1
---
100
1111
200
1114
400
1147
800
14714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com