Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 41 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 37Page - STMicroelectronics LIS2HH12 Datasheet HTML 38Page - STMicroelectronics LIS2HH12 Datasheet HTML 39Page - STMicroelectronics LIS2HH12 Datasheet HTML 40Page - STMicroelectronics LIS2HH12 Datasheet HTML 41Page - STMicroelectronics LIS2HH12 Datasheet HTML 42Page - STMicroelectronics LIS2HH12 Datasheet HTML 43Page - STMicroelectronics LIS2HH12 Datasheet HTML 44Page - STMicroelectronics LIS2HH12 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
DocID025344 Rev 5
41/47
LIS2HH12
Register description
47
8.23
IG_SRC2 (37h)
Interrupt generator 2 status register (r)
Table 56. IG_SRC2 register
Table 57. IG_SRC2 register description
8.24
IG_THS2 (38h)
Interrupt generator 2 threshold register (r/w)
Table 58. IG_THS2 register
Table 59. IG_THS2 register description
8.25
IG_DUR2 (39h)
Interrupt generator 2 duration register (r/w)
Table 60. IG_DUR2 register
Table 61. IG_DUR2 register description
-
IA
ZH
ZL
YHYL
XHXL
IA
Interrupt Active. Default value: 0 (0: no interrupt has been generated; 1: one or
more interrupt events has been generated)
ZH
Z High. Default value: 0 (0: no interrupt; 1: ZH event has occurred)
ZL
Z Low. Default value: 0 (0: no interrupt; 1: ZL event has occurred)
YH
Y High. Default value: 0 (0: no interrupt; 1: YH event has occurred)
YL
Y Low. Default value: 0 (0: no interrupt; 1: YL event has occurred)
XH
X High. Default value: 0 (0: no interrupt; 1: XH event has occurred)
XL
X Low. Default value: 0 (0: no interrupt; 1: XL event has occurred)
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THS [7:0]
Interrupt generator 2 thresholds. Default 00000000
WAIT2
DUR2_6
DUR2_5
DUR2_4
DUR2_3
DUR2_2
DUR2_1
DUR2_0
WAIT2
Wait function enable on duration counter. Default value: 0
(0: Wait function off; 1: Wait function on)
DUR2_[6:0]
Duration value. Default: 0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com