Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 17Page - STMicroelectronics LIS2HH12 Datasheet HTML 18Page - STMicroelectronics LIS2HH12 Datasheet HTML 19Page - STMicroelectronics LIS2HH12 Datasheet HTML 20Page - STMicroelectronics LIS2HH12 Datasheet HTML 21Page - STMicroelectronics LIS2HH12 Datasheet HTML 22Page - STMicroelectronics LIS2HH12 Datasheet HTML 23Page - STMicroelectronics LIS2HH12 Datasheet HTML 24Page - STMicroelectronics LIS2HH12 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
DocID025344 Rev 5
21/47
LIS2HH12
Digital main blocks
47
A watermark interrupt CTRL3 (22h) (INT1_FTH), CTRL6 (25h)(INT2_FTH) can be enabled
in order to read data from the FIFO and leave free memory slots for incoming data. Setting
the FIFO_CTRL (2Eh) (FTH [4:0]) to value N, the number of X, Y and Z data samples that
should be read at the rise of the watermark interrupt, in order to read the entire FIFO
content, is N + 1.
5.3.4
Stream-to-FIFO mode
In Stream-to-FIFO mode (FIFO_CTRL (2Eh)(FMODE2:0) = 011), FIFO behavior changes
according to the IG_SRC1 (31h) (IA) bit. When the IG_SRC1 (31h) (IA) bit is equal to '1'
FIFO operates in FIFO mode, when the IG_SRC1 (31h) (IA) bit is equal to '0', FIFO
operates in Stream mode.
Interrupt generator 1 should be set to the desired configuration using IG_CFG1 (30h),
IG_THS_X1 (32h), IG_THS_Y1 (33h), IG_THS_Z1 (34h).
The CTRL7 (26h) (LIR1) bit should be set to '1' in order to have latched interrupt.
5.3.5
Bypass-to-Stream mode
In Bypass-to-Stream mode (FIFO_CTRL (2Eh) (FMODE [2:0]) = '100'), X, Y and Z
measurement storage inside FIFO operates in Stream mode when IG_SRC1 (31h) (IA) is
equal to '1', otherwise FIFO content is reset (Bypass mode).
Interrupt generator 1 should be set to the desired configuration using IG_CFG1 (30h),
IG_THS_X1 (32h), IG_THS_Y1 (33h), IG_THS_Z1 (34h).
The CTRL7 (26h) (LIR1) bit should be set to '1' in order to have latched interrupt.
5.3.6
Bypass-to-FIFO mode
In Bypass-to-FIFO mode (FIFO_CTRL (2Eh) (FMODE [2:0]) = '111', FIFO behavior changes
according to the IG_SRC1 (31h) (IA) bit. When the IG_SRC1 (31h)(IA) bit is equal to '1',
FIFO operates in FIFO mode, when the IG_SRC1 (31h) (IA) bit is equal to '0', FIFO
operates in Bypass mode (FIFO content reset). If a latched interrupt is generated, FIFO
starts collecting data until the first data in the FIFO buffer is overwritten. Interrupt generator
1 should be set to the desired configuration using IG_CFG1 (30h), IG_THS_X1 (32h),
IG_THS_Y1 (33h), IG_THS_Z1 (34h).
The CTRL7 (26h) (LIR1) bit should be set to '1' in order to have latched interrupt.
5.3.7
Retrieving data from FIFO
FIFO data is read through the OUT_X_L (28h) - OUT_X_H (29h), OUT_Y_L (2Ah) -
OUT_Y_H (2Bh), OUT_Z_L (2Ch) - OUT_Z_H (2Dh) registers. A read operation by means
of serial interface of OUT_X, OUT_Y or OUT_Z output registers provides the data stored
into the FIFO. Each time data is read from the FIFO, the oldest X, Y and Z data are placed
into the OUT_X, OUT_Y and OUT_Z registers and both single read and read_burst
operations can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com