Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 33 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 29Page - STMicroelectronics LIS2HH12 Datasheet HTML 30Page - STMicroelectronics LIS2HH12 Datasheet HTML 31Page - STMicroelectronics LIS2HH12 Datasheet HTML 32Page - STMicroelectronics LIS2HH12 Datasheet HTML 33Page - STMicroelectronics LIS2HH12 Datasheet HTML 34Page - STMicroelectronics LIS2HH12 Datasheet HTML 35Page - STMicroelectronics LIS2HH12 Datasheet HTML 36Page - STMicroelectronics LIS2HH12 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
DocID025344 Rev 5
33/47
LIS2HH12
Register description
47
8.6
CTRL2 (21h)
Control register 2 (r/w)
Table 26. Control register 2
Table 27. Control register 2 description
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
DFC1
DFC0
HPM1
HPM0
FDS
HPIS1
HPIS2
DFC1 [1:0]
High-pass filter cutoff frequency selection: the bandwidth of the high-pass filter
depends on the selected ODR and on the settings of the DFC [1:0] bits
HPM [1:0]
High-pass filter mode selection. Default value: 00
“00” or “10” = Normal mode;
“01” = Reference signal for filtering;
“11” = Not available
FDS
High-pass filter data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register and FIFO)
HPIS1
High-pass filter enabled for interrupt generator function on Interrupt 1. Default value: 0
(0: filter bypassed; 1: filter enabled)
HPIS2
High-pass filter enabled for interrupt generator function on Interrupt 2. Default value: 0
(0: filter bypassed; 1: filter enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com