Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 29 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 25Page - STMicroelectronics LIS2HH12 Datasheet HTML 26Page - STMicroelectronics LIS2HH12 Datasheet HTML 27Page - STMicroelectronics LIS2HH12 Datasheet HTML 28Page - STMicroelectronics LIS2HH12 Datasheet HTML 29Page - STMicroelectronics LIS2HH12 Datasheet HTML 30Page - STMicroelectronics LIS2HH12 Datasheet HTML 31Page - STMicroelectronics LIS2HH12 Datasheet HTML 32Page - STMicroelectronics LIS2HH12 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
DocID025344 Rev 5
29/47
LIS2HH12
Register mapping
47
7
Register mapping
The table given below provides a list of the 8/16 bit registers embedded in the device and
the corresponding addresses.
Table 18. Register map
Name
Type
Register address
Default
Comment
Hex
Binary
RESERVED
r
00-0A
-
RESERVED
TEMP_L
r
0B
00001011
output
TEMP_H
r
0C
00001100
output
RESERVED
r
0E
-
RESERVED
WHO_AM_I
r
0F
00001111
01000001
Who I am ID
ACT_THS
r/w
1E
00011110
00000000
ACT_DUR
r/w
1F
00011111
00000000
CTRL1
r/w
20
00100000
00000111
Control registers
CTRL2
r/w
21
00100001
00000000
CTRL3
r/w
22
00100010
00000000
CTRL4
r/w
23
00100011
00000100
CTRL5
r/w
24
00100100
00000000
CTRL6
r/w
25
00100101
00000000
CTRL7
r/w
26
00100110
00000000
STATUS
r
27
00100111
output
Status data register
OUT_X_L
r
28
00101000
output
Output registers
OUT_X_H
r
29
00101001
OUT_Y_L
r
2A
00101010
OUT_Y_H
r
2B
00101011
OUT_Z_L
r
2C
00101100
OUT_Z_H
r
2D
00101101
FIFO_CTRL
r/w
2E
00101110
00000000
FIFO registers
FIFO_SRC
r
2F
00101111
output
IG_CFG1
r/w
30
00110000
00000000
Interrupt generator 1
configuration
IG_SRC1
r
31
00110001
output
Interrupt generator 1
status register
IG_THS_X1
r/w
32
00110010
00000000
Interrupt generator 1
threshold X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com