Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 30 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 26Page - STMicroelectronics LIS2HH12 Datasheet HTML 27Page - STMicroelectronics LIS2HH12 Datasheet HTML 28Page - STMicroelectronics LIS2HH12 Datasheet HTML 29Page - STMicroelectronics LIS2HH12 Datasheet HTML 30Page - STMicroelectronics LIS2HH12 Datasheet HTML 31Page - STMicroelectronics LIS2HH12 Datasheet HTML 32Page - STMicroelectronics LIS2HH12 Datasheet HTML 33Page - STMicroelectronics LIS2HH12 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Register mapping
LIS2HH12
30/47
DocID025344 Rev 5
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
IG_THS_Y1
r/w
33
00110011
00000000
Interrupt generator 1
threshold Y
IG_THS_Z1
r/w
34
00110100
00000000
Interrupt generator 1
threshold Z
IG_DUR1
r/w
35
00110101
00000000
Interrupt generator 1
duration
IG_CFG2
r/w
36
00110110
00000000
Interrupt generator 2
configuration
IG_SRC2
r
37
00110111
output
Interrupt generator 2
status register
IG_THS2
r/w
38
00111000
00000000
Interrupt generator 2
threshold
IG_DUR2
r/w
39
00111001
00000000
Interrupt generator 2
duration
XL_
REFERENCE
r/w
3A
00111010
00000000
Reference X low
XH_
REFERENCE
r/w
3B
00111011
00000000
Reference X high
YL_
REFERENCE
r/w
3C
00111100
00000000
Reference Y low
YH_
REFERENCE
r/w
3D
00111101
00000000
Reference Y high
ZL_
REFERENCE
r/w
3E
00111110
00000000
Reference Z low
ZH_
REFERENCE
r/w
3F
00111111
00000000
Reference Z high
Table 18. Register map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com