Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 20 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 16Page - STMicroelectronics LIS2HH12 Datasheet HTML 17Page - STMicroelectronics LIS2HH12 Datasheet HTML 18Page - STMicroelectronics LIS2HH12 Datasheet HTML 19Page - STMicroelectronics LIS2HH12 Datasheet HTML 20Page - STMicroelectronics LIS2HH12 Datasheet HTML 21Page - STMicroelectronics LIS2HH12 Datasheet HTML 22Page - STMicroelectronics LIS2HH12 Datasheet HTML 23Page - STMicroelectronics LIS2HH12 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Digital main blocks
LIS2HH12
20/47
DocID025344 Rev 5
5.3.2
FIFO mode
In FIFO mode (FIFO_CTRL (2Eh) (FMODE [2:0])= 001) data from the X, Y and Z channels
are stored in the FIFO until it is full. An overrun interrupt can be enabled, CTRL3 (22h)
(INT1_OVR)= '1', in order to be raised when the FIFO stops collecting data. When the
overrun interrupt occurs, the first set of data has been overwritten and the FIFO stops
collecting data from the input channels. To reset the FIFO content, Bypass mode should be
written in the FIFO_CTRL (2Eh) register, setting the FMODE [2:0] bits to '000'. After this
reset command, it is possible to restart FIFO mode, writing the value '001' in FIFO_CTRL
(2Eh) (FMODE [2:0]).
The FIFO buffer can memorize 32 slots of X, Y and Z data, but the depth of the FIFO can be
reduced using the CTRL3 (22h) (STOP_ FTH) bit. Setting the STOP_FTH bit to '1', FIFO
depth is limited to FIFO_CTRL (2Eh) (FTH [4:0]) - 1.
5.3.3
Stream mode
Stream mode (FIFO_CTRL (2Eh) (FMODE [2:0]) = 010) provides a continuous FIFO
update: as new data arrives, the older data is discarded.
An overrun interrupt can be enabled, CTRL3 (22h) (INT1_OVR) = '1', in order to read the
entire content of the FIFO at once. If in the application no data can be lost and it is not
possible to read at least one sample for each axis within one ODR period, a watermark
interrupt can be enabled in order to read partially the FIFO and leave free memory slots for
incoming data. Setting the FIFO_CTRL (2Eh) (FTH [4:0]) to value N, the number of X, Y and
Z data samples that should be read at the rise of the watermark interrupt is up to (N+1).
In the latter case, reading all FIFO content before an overrun interrupt has occurred, the first
data read is equal to the last data already read in previous burst, so the number of new data
available in the FIFO depends on the previous reading (see FIFO_SRC (2Fh)behavior
depicted in the following figures).
Figure 6. Stream mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com