Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 35 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 31Page - STMicroelectronics LIS2HH12 Datasheet HTML 32Page - STMicroelectronics LIS2HH12 Datasheet HTML 33Page - STMicroelectronics LIS2HH12 Datasheet HTML 34Page - STMicroelectronics LIS2HH12 Datasheet HTML 35Page - STMicroelectronics LIS2HH12 Datasheet HTML 36Page - STMicroelectronics LIS2HH12 Datasheet HTML 37Page - STMicroelectronics LIS2HH12 Datasheet HTML 38Page - STMicroelectronics LIS2HH12 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
DocID025344 Rev 5
35/47
LIS2HH12
Register description
47
8.9
CTRL5 (24h)
Control register 5 (r/w)
Table 32. Control register 5
DEBUG
SOFT_RESET
DEC1
DEC0
ST2
ST1
H_LACTIVE
PP_OD
Table 33. Control register 5 description
DEBUG
Debug stepping action selected. Default value: 0 (0: disabled; 1: enabled)
SOFT_RESET
Soft reset, it acts as POR when 1, then goes to 0
DEC [1:0]
Decimation of acceleration data on OUT REG and FIFO
00 -> no decimation
01 -> update every 2 samples
10 -> update every 4 samples
11 -> update every 8 samples
ST [2:1]
Self-test enable. Default value: 00
(00: Self-test disabled; Other: see table below)
H_LACTIVE
Interrupt active high, low. Default value: 0
(0: active high; 1: active low)
PP_OD
Push-pull/Open-drain selection on interrupt pad. Default value: 0
(0: push-pull; 1: open-drain)
Table 34. Self-test mode selection
ST2
ST1
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com