Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2HH12 Datasheet(PDF) 40 Page - STMicroelectronics

Part # LIS2HH12
Description  Embedded temperature sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2HH12 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LIS2HH12 Datasheet HTML 36Page - STMicroelectronics LIS2HH12 Datasheet HTML 37Page - STMicroelectronics LIS2HH12 Datasheet HTML 38Page - STMicroelectronics LIS2HH12 Datasheet HTML 39Page - STMicroelectronics LIS2HH12 Datasheet HTML 40Page - STMicroelectronics LIS2HH12 Datasheet HTML 41Page - STMicroelectronics LIS2HH12 Datasheet HTML 42Page - STMicroelectronics LIS2HH12 Datasheet HTML 43Page - STMicroelectronics LIS2HH12 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Register description
LIS2HH12
40/47
DocID025344 Rev 5
8.20
IG_THS_X1 (32h), IG_THS_Y1 (33h), IG_THS_Z1 (34h)
Interrupt generator 1 threshold registers (r/w)
Table 50. IG1_THS register
Table 51. IG1_THS description
8.21
IG_DUR1 (35h)
Interrupt generator 1 duration register (r/w)
Table 52. IG_DUR1 duration
Table 53. IG_DUR1 duration description
8.22
IG_CFG2 (36h)
Interrupt generator 2 configuration register (r/w)
Table 54. IG_CFG2 register
Table 55. IG_CFG2 register description
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THS [7:0]
Interrupt 1 thresholds. Default: 00000000
WAIT1
DUR1_6
DUR1_5
DUR1_4
DUR1_3
DUR1_2
DUR1_1
DUR1_0
WAIT1
Wait function enable on duration counter. Default value: 0
(0: Wait function off; 1: Wait function on)
DUR1_[6:0]
Duration value Default: 0000000
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
AOI
And/Or combination of Interrupt events. Default value: 0
6D
6-direction detection function enabled. Default value: 0
ZHIE
Enable interrupt generation on Z high event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
ZLIE
Enable interrupt generation on Z low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
YHIE
Enable interrupt generation on Y high event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
YLIE
Enable interrupt generation on Y low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
XHIE
Enable interrupt generation on X high event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
XLIE
Enable interrupt generation on X low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com