Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 55Page - STMicroelectronics STM32F303xC Datasheet HTML 56Page - STMicroelectronics STM32F303xC Datasheet HTML 57Page - STMicroelectronics STM32F303xC Datasheet HTML 58Page - STMicroelectronics STM32F303xC Datasheet HTML 59Page - STMicroelectronics STM32F303xC Datasheet HTML 60Page - STMicroelectronics STM32F303xC Datasheet HTML 61Page - STMicroelectronics STM32F303xC Datasheet HTML 62Page - STMicroelectronics STM32F303xC Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 148 page
background image
DocID023353 Rev 13
59/148
STM32F303xB STM32F303xC
Electrical characteristics
124
6.3
Operating conditions
6.3.1
General operating conditions
Table 24. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
72
MHz
fPCLK1
Internal APB1 clock frequency
-
0
36
fPCLK2
Internal APB2 clock frequency
-
0
72
VDD
Standard operating voltage
-
2
3.6
V
VDDA
Analog operating voltage
(OPAMP and DAC not used)
Must have a potential
equal to or higher than
VDD
23.6
V
Analog operating voltage
(OPAMP and DAC used)
2.4
3.6
VBAT
Backup operating voltage
-
1.65
3.6
V
VIN
I/O input voltage
TC I/O
–0.3
VDD+0.3
V
TTa I/O
–0.3
VDDA+0.3
FT and FTf I/O(1)
1. To sustain a voltage higher than VDD+0.3 V, the internal pull-up/pull-down resistors must be disabled.
–0.3
5.5
BOOT0
0
5.5
PD
Power dissipation at TA =
85 °C for suffix 6 or TA =
105 °C for suffix 7(2)
2. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 7.5: Thermal
characteristics).
WLCSP100
-
500
mW
LQFP100
-
488
LQFP64
-
444
LQFP48
-
364
TA
Ambient temperature for 6
suffix version
Maximum power
dissipation
–40
85
°C
Low-power dissipation(3)
3. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see
Section 7.5: Thermal characteristics).
–40
105
Ambient temperature for 7
suffix version
Maximum power
dissipation
–40
105
°C
Low-power dissipation(3)
–40
125
TJ
Junction temperature range
6 suffix version
–40
105
°C
7 suffix version
–40
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com