Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 7Page - STMicroelectronics STM32F303xC Datasheet HTML 8Page - STMicroelectronics STM32F303xC Datasheet HTML 9Page - STMicroelectronics STM32F303xC Datasheet HTML 10Page - STMicroelectronics STM32F303xC Datasheet HTML 11Page - STMicroelectronics STM32F303xC Datasheet HTML 12Page - STMicroelectronics STM32F303xC Datasheet HTML 13Page - STMicroelectronics STM32F303xC Datasheet HTML 14Page - STMicroelectronics STM32F303xC Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
DocID023353 Rev 13
11/148
STM32F303xB STM32F303xC
Description
54
Table 2. STM32F303xB/STM32F303xC family device features and peripheral counts
Peripheral
STM32F303Cx
STM32F303Rx
STM32F303Vx
Flash (Kbytes)
128
256
128
256
128
256
SRAM (Kbytes) on data bus
32
40
32
40
32
40
CCM (Core Coupled Memory)
RAM (Kbytes)
8
Timers
Advanced
control
2 (16-bit)
General purpose
5 (16-bit)
1 (32-bit)
Basic
2 (16-bit)
PWM channels (all) (1)
1. This total number considers also the PWMs generated on the complementary output channels
31
33
PWM channels (except
complementary)
22
24
Communication
interfaces
SPI (I2S)(2)
2. The SPI interfaces can work in an exclusive way in either the SPI mode or the I2S audio mode.
3(2)
I2C2
USART
3
UART
0
2
CAN
1
USB
1
GPIOs
Normal I/Os
(TC, TTa)
20
27
45 in LQFP100
37 in WLCSP100
5-volt tolerant
I/Os (FT, FTf)
17
25
42 in LQFP100
40 in WLCSP100
DMA channels
12
Capacitive sensing channels
17
18
24
12-bit ADCs
Number of channels
4
15
22
39 in LQFP100
32 in WLCSP100
12-bit DAC channels
2
Analog comparator
7
Operational amplifiers
4
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperature
Ambient operating temperature: - 40 to 85 °C / - 40 to 105 °C
Junction temperature: - 40 to 125 °C
Packages
LQFP48
LQFP64
LQFP100
WLCSP100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com