Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 31Page - STMicroelectronics STM32F303xC Datasheet HTML 32Page - STMicroelectronics STM32F303xC Datasheet HTML 33Page - STMicroelectronics STM32F303xC Datasheet HTML 34Page - STMicroelectronics STM32F303xC Datasheet HTML 35Page - STMicroelectronics STM32F303xC Datasheet HTML 36Page - STMicroelectronics STM32F303xC Datasheet HTML 37Page - STMicroelectronics STM32F303xC Datasheet HTML 38Page - STMicroelectronics STM32F303xC Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 148 page
background image
DocID023353 Rev 13
35/148
STM32F303xB STM32F303xC
Pinouts and pin description
54
Table 12. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function
during and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
FTf
5 V tolerant I/O, FM+ capable
TTa
3.3 V tolerant I/O directly connected to ADC
TC
Standard 3.3V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during
and after reset
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 13. STM32F303xB/STM32F303xC pin definitions
Pin number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions
D6
1
-
-
PE2
I/O FT (1)
TRACECK, TIM3_CH1,
TSC_G7_IO1, EVENTOUT
-
D7
2
-
-
PE3
I/O FT (1)
TRACED0, TIM3_CH2,
TSC_G7_IO2, EVENTOUT
-
C8
3
-
-
PE4
I/O FT (1)
TRACED1, TIM3_CH3,
TSC_G7_IO3, EVENTOUT
-
B9
4
-
-
PE5
I/O FT (1)
TRACED2, TIM3_CH4,
TSC_G7_IO4, EVENTOUT
-
E7
5
-
-
PE6
I/O FT (1) TRACED3, EVENTOUT
WKUP3, RTC_TAMP3
D8
611
VBAT
S
-
-
Backup power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com