Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F303xC Datasheet HTML 1Page - STMicroelectronics STM32F303xC Datasheet HTML 2Page - STMicroelectronics STM32F303xC Datasheet HTML 3Page - STMicroelectronics STM32F303xC Datasheet HTML 4Page - STMicroelectronics STM32F303xC Datasheet HTML 5Page - STMicroelectronics STM32F303xC Datasheet HTML 6Page - STMicroelectronics STM32F303xC Datasheet HTML 7Page - STMicroelectronics STM32F303xC Datasheet HTML 8Page - STMicroelectronics STM32F303xC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
This is information on a product in full production.
May 2016
DocID023353 Rev 13
1/148
STM32F303xB STM32F303xC
ARM®-based Cortex®-M4 32b MCU+FPU, up to 256KB Flash+
48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
Datasheet
- production data
Features
• Core: ARM® Cortex®-M4 32-bit CPU with FPU
(72 MHz max), single-cycle multiplication and
HW division, 90 DMIPS (from CCM), DSP
instruction and MPU (memory protection unit)
• Operating conditions:
–VDD, VDDA voltage range: 2.0 V to 3.6 V
• Memories
– 128 to 256 Kbytes of Flash memory
– Up to 40 Kbytes of SRAM, with HW parity
check implemented on the first 16 Kbytes.
– Routine booster: 8 Kbytes of SRAM on
instruction and data bus, with HW parity
check (CCM)
• CRC calculation unit
• Reset and supply management
– Power-on/Power-down reset (POR/PDR)
– Programmable voltage detector (PVD)
– Low-power modes: Sleep, Stop and Standby
–VBAT supply for RTC and backup registers
• Clock management
–4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x 16 PLL option
– Internal 40 kHz oscillator
• Up to 87 fast I/Os
– All mappable on external interrupt vectors
– Several 5 V-tolerant
• Interconnect matrix
• 12-channel DMA controller
• Four ADCs 0.20 µS (up to 39 channels) with
selectable resolution of 12/10/8/6 bits, 0 to
3.6 V conversion range, single
ended/differential input, separate analog supply
from 2 to 3.6 V
• Two 12-bit DAC channels with analog supply
from 2.4 to 3.6 V
• Seven fast rail-to-rail analog comparators with
analog supply from 2 to 3.6 V
• Four operational amplifiers that can be used in
PGA mode, all terminals accessible with analog
supply from 2.4 to 3.6 V
• Up to 24 capacitive sensing channels supporting
touchkey, linear and rotary touch sensor
s
• Up to 13 timers
– One 32-bit timer and two 16-bit timers with
up to 4 IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– Two 16-bit 6-channel advanced-control
timers, with up to 6 PWM channels,
deadtime generation and emergency stop
– One 16-bit timer with 2 IC/OCs, 1
OCN/PWM, deadtime generation and
emergency stop
– Two 16-bit timers with IC/OC/OCN/PWM,
deadtime generation and emergency stop
– Two watchdog timers (independent, window)
– SysTick timer: 24-bit downcounter
– Two 16-bit basic timers to drive the DAC
• Calendar RTC with Alarm, periodic wakeup
from Stop/Standby
• Communication interfaces
– CAN interface (2.0B Active)
–Two I2C Fast mode plus (1 Mbit/s) with
20 mA current sink, SMBus/PMBus, wakeup
from STOP
– Up to five USART/UARTs (ISO 7816
interface, LIN, IrDA, modem control)
– Up to three SPIs, two with multiplexed
half/full duplex I2S interface, 4 to 16
programmable bit frames
– USB 2.0 full speed interface
– Infrared transmitter
• Serial wire debug, Cortex®-M4 with FPU ETM,
JTAG
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32F303xB
STM32F303CB, STM32F303RB, STM32F303VB
STM32F303xC
STM32F303CC, STM32F303RC, STM32F303VC
LQFP64 (10 × 10 mm)
LQFP100 (14 × 14 mm)
LQFP48 (7 × 7 mm)
WLCSP100 (0.4 mm pitch)
www.st.com


Similar Part No. - STM32F303xC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
Up to 64 Kbytes of Flash memory
October 2016 Rev 5
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
2Mb / 124P
Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
16-Jul-2018
STM32F303X6 STMICROELECTRONICS-STM32F303X6_V01 Datasheet
2Mb / 124P
Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
16-Jul-2018
STM32F303X8 STMICROELECTRONICS-STM32F303X8 Datasheet
1Mb / 115P
Up to 64 Kbytes of Flash memory
October 2016 Rev 5
STM32F303XD STMICROELECTRONICS-STM32F303XD Datasheet
2Mb / 173P
ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
21-Oct-2016
More results

Similar Description - STM32F303xC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F302XB STMICROELECTRONICS-STM32F302XB Datasheet
2Mb / 133P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
08-Jan-2013
STM32F303VCT6 STMICROELECTRONICS-STM32F303VCT6 Datasheet
1Mb / 132P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
24-Jun-2013
STM32F373VCT6 STMICROELECTRONICS-STM32F373VCT6 Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
21-Dec-2012
STM32F372XX STMICROELECTRONICS-STM32F372XX Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
STM32F373CCT6 STMICROELECTRONICS-STM32F373CCT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
19-Sep-2013
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32F415ZGT6 STMICROELECTRONICS-STM32F415ZGT6 Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
04-Jun-2013
STM32F303XD STMICROELECTRONICS-STM32F303XD Datasheet
2Mb / 173P
ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
21-Oct-2016
STM32F303X6 STMICROELECTRONICS-STM32F303X6_V01 Datasheet
2Mb / 124P
Arm® Cortex®-M4 32b MCUFPU, up to 64KB Flash, 16KB SRAM, 2 ADCs, 3 DACs, 3 comp., op-amp 2.0 - 3.6 V
16-Jul-2018
STM32F373XX STMICROELECTRONICS-STM32F373XX_V01 Datasheet
1Mb / 137P
ARM® Cortex®-M4 32b MCUFPU, up to 256KB Flash32KB SRAM, timers, 4 ADCs (16-bit Sig. Delta / 12-bit SAR), 3 DACs, 2 comp., 2.0-3.6 V
08-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com