Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 61Page - STMicroelectronics STM32F303xC Datasheet HTML 62Page - STMicroelectronics STM32F303xC Datasheet HTML 63Page - STMicroelectronics STM32F303xC Datasheet HTML 64Page - STMicroelectronics STM32F303xC Datasheet HTML 65Page - STMicroelectronics STM32F303xC Datasheet HTML 66Page - STMicroelectronics STM32F303xC Datasheet HTML 67Page - STMicroelectronics STM32F303xC Datasheet HTML 68Page - STMicroelectronics STM32F303xC Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 148 page
background image
DocID023353 Rev 13
65/148
STM32F303xB STM32F303xC
Electrical characteristics
124
Table 32. Typical and maximum VDD consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD=VDDA)Max(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
20.05 20.33 20.42 20.50 20.67 20.80 44.2(2) 350
735(2)
µA
Regulator in low-power
mode, all oscillators OFF
7.63 7.77 7.90 8.07 8.17 8.33 30.6(2) 335
720(2)
Supply
current in
Standby
mode
LSI ON and IWDG ON
0.80 0.96 1.09 1.23 1.37 1.51
-
-
-
LSI OFF and IWDG OFF 0.60 0.74 0.83 0.93 1.02 1.11 5.0(2)
7.8
13.3(2)
1. Guaranteed by characterization results unless otherwise specified.
2. Data based on characterization results and tested in production.
Table 33. Typical and maximum VDDA consumption in Stop and Standby modes
Symbol Parameter
Conditions
Typ @VDD (VDD = VDDA)Max(1)
Unit
2.0 V 2.4 V 2.7 V 3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDDA
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
1.81 1.95 2.07 2.20 2.35 2.52
3.7
5.5
8.8
µA
Regulator in low-power
mode, all oscillators
OFF
1.81 1.95 2.07 2.20 2.35 2.52
3.7
5.5
8.8
Supply
current in
Standby
mode
LSI ON and IWDG ON 2.22 2.42 2.59 2.78
3.0
3.24
-
-
-
LSI OFF and IWDG
OFF
1.69 1.82 1.94 2.08 2.23 2.40
3.5
5.4
9.2
Supply
current in
Stop mode
Regulator in run mode,
all oscillators OFF
1.05 1.08 1.10 1.15 1.22 1.29
-
-
-
Regulator in low-power
mode, all oscillators
OFF
1.05 1.08 1.10 1.15 1.22 1.29
-
-
-
Supply
current in
Standby
mode
LSI ON and IWDG ON 1.44 1.52 1.60 1.71 1.84 1.98
-
-
-
LSI OFF and IWDG
OFF
0.93 0.95 0.98 1.02 1.08 1.15
-
-
-
1. Guaranteed by characterization results.
The total consumption is the sum of IDD and IDDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com