Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 82Page - STMicroelectronics STM32F303xC Datasheet HTML 83Page - STMicroelectronics STM32F303xC Datasheet HTML 84Page - STMicroelectronics STM32F303xC Datasheet HTML 85Page - STMicroelectronics STM32F303xC Datasheet HTML 86Page - STMicroelectronics STM32F303xC Datasheet HTML 87Page - STMicroelectronics STM32F303xC Datasheet HTML 88Page - STMicroelectronics STM32F303xC Datasheet HTML 89Page - STMicroelectronics STM32F303xC Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
86/148
DocID023353 Rev 13
6.3.14
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 54 are derived from tests
performed under the conditions summarized in Table 24. All I/Os are CMOS and TTL
compliant.
Table 54. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low level input
voltage
TC and TTa I/O
-
-
0.3 VDD+0.07 (1)
V
FT and FTf I/O
-
-
0.475 VDD-0.2 (1)
BOOT0
-
-
0.3 VDD–0.3 (1)
All I/Os except BOOT0
-
-
0.3 VDD (2)
VIH
High level input
voltage
TC and TTa I/O
0.445 VDD+0.398 (1)
--
FT and FTf I/O
0.5 VDD+0.2 (1)
--
BOOT0
0.2 VDD+0.95 (1)
--
All I/Os except BOOT0
0.7 VDD (2)
--
Vhys
Schmitt trigger
hysteresis
TC and TTa I/O
-
200 (1)
-
mV
FT and FTf I/O
-
100 (1)
-
BOOT0
-
300 (1)
-
Ilkg
Input leakage
current (3)
TC, FT and FTf I/O
TTa I/O in digital mode
VSS ≤VIN ≤VDD
--
±0.1
µA
TTa I/O in digital mode
VDD ≤VIN ≤VDDA
--
1
TTa I/O in analog mode
VSS ≤VIN ≤VDDA
--
±0.2
FT and FTf I/O(4)
VDD ≤VIN ≤5 V
--
10
RPU
Weak pull-up
equivalent resistor(5)
VIN = VSS
25
40
55
k
Ω
RPD
Weak pull-down
equivalent resistor(5)
VIN = VDD
25
40
55
k
Ω
CIO
I/O pin capacitance
-
-
5
-
pF
1. Data based on design simulation.
2. Tested in production.
3. Leakage could be higher than the maximum value. if negative current is injected on adjacent pins. Refer to Table 53: I/O
current injection susceptibility.
4. To sustain a voltage higher than VDD +0.3 V, the internal pull-up/pull-down resistors must be disabled.
5. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This
PMOS/NMOS contribution to the series resistance is minimum (~10% order).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com