Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 72Page - STMicroelectronics STM32F303xC Datasheet HTML 73Page - STMicroelectronics STM32F303xC Datasheet HTML 74Page - STMicroelectronics STM32F303xC Datasheet HTML 75Page - STMicroelectronics STM32F303xC Datasheet HTML 76Page - STMicroelectronics STM32F303xC Datasheet HTML 77Page - STMicroelectronics STM32F303xC Datasheet HTML 78Page - STMicroelectronics STM32F303xC Datasheet HTML 79Page - STMicroelectronics STM32F303xC Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
76/148
DocID023353 Rev 13
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 4 to 32 MHz crystal/ceramic
resonator oscillator. All the information given in this paragraph are based on design
simulation results obtained with typical external components specified in Table 42. In the
application, the resonator and the load capacitors have to be placed as close as possible to
the oscillator pins in order to minimize output distortion and startup stabilization time. Refer
to the crystal resonator manufacturer for more details on the resonator characteristics
(frequency, package, accuracy).
Table 42. HSE oscillator characteristics
Symbol
Parameter
Conditions(1)
1. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
Min(2)
2. Guaranteed by design.
Typ
Max(2)
Unit
fOSC_IN
Oscillator frequency
-
4
8
32
MHz
RF
Feedback resistor
-
-
200
k
Ω
IDD
HSE current consumption
During startup(3)
3. This consumption level occurs during the first 2/3 of the tSU(HSE) startup time.
--
8.5
mA
VDD=3.3 V, Rm= 30Ω,
CL=10 pF@8 MHz
-0.4
-
VDD=3.3 V, Rm= 45Ω,
CL=10 pF@8 MHz
-0.5
-
VDD=3.3 V, Rm= 30Ω,
CL=5 pF@32 MHz
-0.8
-
VDD=3.3 V, Rm= 30Ω,
CL=10 pF@32 MHz
-1
-
VDD=3.3 V, Rm= 30Ω,
CL=20 pF@32 MHz
-1.5
-
gm
Oscillator transconductance
Startup
10
-
-
mA/V
tSU(HSE)(4)
4. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 8 MHz
oscillation is reached. This value is measured for a standard crystal resonator and it can vary significantly
with the crystal manufacturer.
Startup time
VDD is stabilized
-
2
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com