Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 66Page - STMicroelectronics STM32F303xC Datasheet HTML 67Page - STMicroelectronics STM32F303xC Datasheet HTML 68Page - STMicroelectronics STM32F303xC Datasheet HTML 69Page - STMicroelectronics STM32F303xC Datasheet HTML 70Page - STMicroelectronics STM32F303xC Datasheet HTML 71Page - STMicroelectronics STM32F303xC Datasheet HTML 72Page - STMicroelectronics STM32F303xC Datasheet HTML 73Page - STMicroelectronics STM32F303xC Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
70/148
DocID023353 Rev 13
Table 37. Switching output I/O current consumption
Symbol
Parameter
Conditions(1)
1. CS = 5 pF (estimated value).
I/O toggling
frequency (fSW)
Typ
Unit
ISW
I/O current
consumption
VDD = 3.3 V
Cext = 0 pF
C = CINT + CEXT+ CS
2 MHz
0.90
mA
4 MHz
0.93
8 MHz
1.16
18 MHz
1.60
36 MHz
2.51
48 MHz
2.97
VDD = 3.3 V
Cext = 10 pF
C = CINT + CEXT +CS
2 MHz
0.93
4 MHz
1.06
8 MHz
1.47
18 MHz
2.26
36 MHz
3.39
48 MHz
5.99
VDD = 3.3 V
Cext = 22 pF
C = CINT + CEXT +CS
2 MHz
1.03
4 MHz
1.30
8 MHz
1.79
18 MHz
3.01
36 MHz
5.99
VDD = 3.3 V
Cext = 33 pF
C = CINT + CEXT+ CS
2 MHz
1.10
4 MHz
1.31
8 MHz
2.06
18 MHz
3.47
36 MHz
8.35
VDD = 3.3 V
Cext = 47 pF
C = CINT + CEXT+ CS
2 MHz
1.20
4 MHz
1.54
8 MHz
2.46
18 MHz
4.51
36 MHz
9.98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com