Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 64Page - STMicroelectronics STM32F303xC Datasheet HTML 65Page - STMicroelectronics STM32F303xC Datasheet HTML 66Page - STMicroelectronics STM32F303xC Datasheet HTML 67Page - STMicroelectronics STM32F303xC Datasheet HTML 68Page - STMicroelectronics STM32F303xC Datasheet HTML 69Page - STMicroelectronics STM32F303xC Datasheet HTML 70Page - STMicroelectronics STM32F303xC Datasheet HTML 71Page - STMicroelectronics STM32F303xC Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
68/148
DocID023353 Rev 13
Table 36. Typical current consumption in Sleep mode, code running from Flash or RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Sleep mode from
VDD supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash or RAM
72 MHz
44.1
7.0
mA
64 MHz
39.7
6.3
48 MHz
30.3
4.9
32 MHz
20.5
3.5
24 MHz
15.4
2.8
16 MHz
10.6
2.0
8 MHz
5.4
1.1
4 MHz
3.2
1.0
2 MHz
2.1
0.9
1 MHz
1.5
0.8
500 kHz
1.2
0.8
125 kHz
1.0
0.8
IDDA(1) (2)
Supply current in
Sleep mode from
VDDA supply
72 MHz
239.7
238.5
µA
64 MHz
210.5
209.6
48 MHz
155.0
155.6
32 MHz
105.3
105.2
24 MHz
81.9
81.8
16 MHz
58.7
58.6
8 MHz
2.4
2.4
4 MHz
2.4
2.4
2 MHz
2.4
2.4
1 MHz
2.4
2.4
500 kHz
2.4
2.4
125 kHz
2.4
2.4
1. VDDA monitoring is ON.
2. When peripherals are enabled, the power consumption of the analog part of peripherals such as ADC, DAC, Comparators,
OpAmp etc. is not included. Refer to the tables of characteristics in the subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com