Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 59Page - STMicroelectronics STM32F303xC Datasheet HTML 60Page - STMicroelectronics STM32F303xC Datasheet HTML 61Page - STMicroelectronics STM32F303xC Datasheet HTML 62Page - STMicroelectronics STM32F303xC Datasheet HTML 63Page - STMicroelectronics STM32F303xC Datasheet HTML 64Page - STMicroelectronics STM32F303xC Datasheet HTML 65Page - STMicroelectronics STM32F303xC Datasheet HTML 66Page - STMicroelectronics STM32F303xC Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 148 page
background image
DocID023353 Rev 13
63/148
STM32F303xB STM32F303xC
Electrical characteristics
124
The parameters given in Table 30 to Table 34 are derived from tests performed under
ambient temperature and supply voltage conditions summarized in Table 24.
Table 30. Typical and maximum current consumption from VDD supply at VDD = 3.6V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C
IDD
Supply
current in
Run mode,
executing
from Flash
External
clock (HSE
bypass)
72 MHz 61.2
65.8
67.6
68.5
27.8
30.3
30.7
31.5
mA
64 MHz 54.7
59.1
60.2
61.1
24.6
27.2
27.6
28.3
48 MHz 41.7
45.1
46.2
47.2
19.2
21.1
21.4
21.8
32 MHz 28.1
31.5
32.5
32.7
12.9
14.6
14.8
15.3
24 MHz 21.4
23.7
24.4
25.2
10.0
11.4
11.4
12.1
8 MHz
7.4
8.4
8.6
9.4
3.6
4.1
4.4
5.0
1 MHz
1.3
1.6
1.8
2.6
0.8
1.0
1.2
2.1
Internal
clock (HSI)
64 MHz 49.7
54.4
55.4
56.3
24.5
27.2
27.4
28.1
48 MHz 37.9
42.2
43.0
43.5
18.9
21.4
21.5
21.6
32 MHz 25.8
29.2
29.2
30.0
12.7
14.2
14.6
15.2
24 MHz 19.7
22.3
22.6
23.2
6.7
7.7
7.9
8.5
8 MHz
6.9
7.8
8.3
8.8
3.5
4.0
4.4
5.0
Supply
current in
Run mode,
executing
from RAM
External
clock (HSE
bypass)
72 MHz 60.8 66.2(2) 69.7
70.4(2) 27.4 31.7(2)
32.2
32.5(2)
64 MHz 54.3
59.1
62.2
63.3
24.3
28.3
28.7
28.8
48 MHz 41.0
45.6
47.3
47.9
18.3
21.6
21.9
22.1
32 MHz 27.6
32.4
32.4
32.9
12.3
15.0
15.2
15.4
24 MHz 20.8
23.9
24.3
25.0
9.3
11.3
11.4
12.0
8 MHz
6.9
7.8
8.7
9.0
3.1
3.7
4.2
4.9
1 MHz
0.9
1.2
1.5
2.3
0.4
0.6
1.0
1.8
Internal
clock (HSI)
64 MHz 49.2
53.9
55.2
57.4
23.9
27.8
28.2
28.4
48 MHz 37.3
40.8
41.4
44.1
18.2
21.0
21.6
21.9
32 MHz 25.1
27.6
29.1
30.1
12.0
14.0
14.5
15.1
24 MHz 19.0
21.6
22.1
22.9
6.3
7.2
7.7
8.1
8 MHz
6.4
7.3
7.9
8.4
3.0
3.5
4.0
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com