Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 60Page - STMicroelectronics STM32F303xC Datasheet HTML 61Page - STMicroelectronics STM32F303xC Datasheet HTML 62Page - STMicroelectronics STM32F303xC Datasheet HTML 63Page - STMicroelectronics STM32F303xC Datasheet HTML 64Page - STMicroelectronics STM32F303xC Datasheet HTML 65Page - STMicroelectronics STM32F303xC Datasheet HTML 66Page - STMicroelectronics STM32F303xC Datasheet HTML 67Page - STMicroelectronics STM32F303xC Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
64/148
DocID023353 Rev 13
IDD
Supply
current in
Sleep
mode,
executing
from Flash
or RAM
External
clock (HSE
bypass)
72 MHz 44.0
48.4
49.4
50.5
6.6
7.5
7.9
8.7
mA
64 MHz 39.2
43.3
44.0
45.2
6.0
6.8
7.2
7.9
48 MHz 29.6
32.7
33.3
34.3
4.5
5.2
5.6
6.3
32 MHz 19.7
23.3
23.3
23.5
3.1
3.5
4.0
4.8
24 MHz 14.9
17.6
17.8
18.3
2.4
2.8
3.3
3.9
8 MHz
4.9
5.7
6.1
6.9
0.8
1.0
1.4
2.2
1 MHz
0.6
0.9
1.2
2.1
0.1
0.3
0.6
1.5
Internal
clock (HSI)
64 MHz 34.2
38.1
39.2
40.3
5.7
6.3
6.8
7.5
48 MHz 25.8
28.7
29.6
30.3
4.3
4.8
5.2
5.9
32 MHz 17.4
19.4
19.9
20.7
2.9
3.2
3.7
4.5
24 MHz 13.2
15.1
15.6
15.9
1.5
1.8
2.2
2.9
8 MHz
4.5
5.0
5.6
6.2
0.7
0.9
1.2
2.1
1. Guaranteed by characterization results unless otherwise specified.
2. Data based on characterization results and tested in production with code executing from RAM.
Table 30. Typical and maximum current consumption from VDD supply at VDD = 3.6V (continued)
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C
Table 31. Typical and maximum current consumption from the VDDA supply
Symbol Parameter
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA(2)
Typ
Max @ TA(2)
25 °C
85 °C 105 °C
25 °C 85 °C 105 °C
IDDA
Supply
current in
Run/Sleep
mode,
code
executing
from Flash
or RAM
HSE
bypass
72 MHz
225
276
289
297
245
302
319
329
µA
64 MHz
198
249
261
268
216
270
284
293
48 MHz
149
195
204
211
159
209
222
230
32 MHz
102
145
152
157
110
154
162
169
24 MHz
80
119
124
128
86
126
131
135
8 MHz
2
3
4
6
3
4
5
9
1 MHz
2
3
5
7
3
4
6
9
HSI clock
64 MHz
270
323
337
344
299
354
371
381
48 MHz
220
269
280
286
244
293
309
318
32 MHz
173
218
228
233
193
239
251
257
24 MHz
151
194
200
204
169
211
219
225
8 MHz
73
97
99
103
88
105
110
116
1. Current consumption from the VDDA supply is independent of whether the peripherals are on or off. Furthermore when the
PLL is off, IDDA is independent from the frequency.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com