Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 63Page - STMicroelectronics STM32F303xC Datasheet HTML 64Page - STMicroelectronics STM32F303xC Datasheet HTML 65Page - STMicroelectronics STM32F303xC Datasheet HTML 66Page - STMicroelectronics STM32F303xC Datasheet HTML 67Page - STMicroelectronics STM32F303xC Datasheet HTML 68Page - STMicroelectronics STM32F303xC Datasheet HTML 69Page - STMicroelectronics STM32F303xC Datasheet HTML 70Page - STMicroelectronics STM32F303xC Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 148 page
background image
DocID023353 Rev 13
67/148
STM32F303xB STM32F303xC
Electrical characteristics
124
Typical current consumption
The MCU is placed under the following conditions:
•
VDD = VDDA = 3.3 V
•
All I/O pins available on each package are in analog input configuration
•
The Flash access time is adjusted to fHCLK frequency (0 wait states from 0 to 24 MHz,
1 wait state from 24 to 48 MHz and 2 wait states from 48 MHz to 72 MHz), and Flash
prefetch is ON
•
When the peripherals are enabled, fAPB1 = fAHB/2, fAPB2 = fAHB
•
PLL is used for frequencies greater than 8 MHz
•
AHB prescaler of 2, 4, 8,16 and 64 is used for the frequencies 4 MHz, 2 MHz, 1 MHz,
500 kHz and 125 kHz respectively.
Table 35. Typical current consumption in Run mode, code with data processing running from
Flash
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Run mode from
VDD supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash
72 MHz
61.3
28.0
mA
64 MHz
54.8
25.4
48 MHz
41.9
19.3
32 MHz
28.5
13.3
24 MHz
21.8
10.4
16 MHz
14.9
7.2
8 MHz
7.7
3.9
4 MHz
4.5
2.5
2 MHz
2.8
1.7
1 MHz
1.9
1.3
500 kHz
1.4
1.1
125 kHz
1.1
0.9
IDDA(1) (2)
Supply current in
Run mode from
VDDA supply
72 MHz
240.3
239.5
µA
64 MHz
210.9
210.3
48 MHz
155.8
155.6
32 MHz
105.7
105.6
24 MHz
82.1
82.0
16 MHz
58.8
58.8
8 MHz
2.4
2.4
4 MHz
2.4
2.4
2 MHz
2.4
2.4
1 MHz
2.4
2.4
500 kHz
2.4
2.4
125 kHz
2.4
2.4
1. VDDA monitoring is ON.
2. When peripherals are enabled, the power consumption of the analog part of peripherals such as ADC, DAC, Comparators,
OpAmp etc. is not included. Refer to the tables of characteristics in the subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com