Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 105Page - STMicroelectronics STM32F303xC Datasheet HTML 106Page - STMicroelectronics STM32F303xC Datasheet HTML 107Page - STMicroelectronics STM32F303xC Datasheet HTML 108Page - STMicroelectronics STM32F303xC Datasheet HTML 109Page - STMicroelectronics STM32F303xC Datasheet HTML 110Page - STMicroelectronics STM32F303xC Datasheet HTML 111Page - STMicroelectronics STM32F303xC Datasheet HTML 112Page - STMicroelectronics STM32F303xC Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 148 page
background image
DocID023353 Rev 13
109/148
STM32F303xB STM32F303xC
Electrical characteristics
124
SNR(4)
Signal-to-
noise ratio
ADC clock freq.
≤ 72 MHz
Sampling freq
≤ 5 Msps
VDDA = VREF+ = 3.3 V
25°C
100-pin package
Single ended
Fast channel 5.1 Ms
66
67
-
dB
Slow channel 4.8 Ms
66
67
-
Differential
Fast channel 5.1 Ms
69
70
-
Slow channel 4.8 Ms
69
70
-
THD(4)
Total
harmonic
distortion
Single ended
Fast channel 5.1 Ms
-
-76
-76
Slow channel 4.8 Ms
-
-76
-76
Differential
Fast channel 5.1 Ms
-
-80
-80
Slow channel 4.8 Ms
-
-80
-80
1. ADC DC accuracy values are measured after internal calibration.
2. ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins should be avoided as this
significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a
Schottky diode (pin to ground) to analog pins which may potentially inject negative current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 6.3.14 does not affect the ADC
accuracy.
3. Guaranteed by characterization results.
4. Value measured with a -0.5 dB full scale 50 kHz sine wave input signal.
Table 70. ADC accuracy - limited test conditions, 100-pin packages (1)(2) (continued)
Symbol Parameter
Conditions
Min
(3)
Typ
Max
(3)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com