Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 115Page - STMicroelectronics STM32F303xC Datasheet HTML 116Page - STMicroelectronics STM32F303xC Datasheet HTML 117Page - STMicroelectronics STM32F303xC Datasheet HTML 118Page - STMicroelectronics STM32F303xC Datasheet HTML 119Page - STMicroelectronics STM32F303xC Datasheet HTML 120Page - STMicroelectronics STM32F303xC Datasheet HTML 121Page - STMicroelectronics STM32F303xC Datasheet HTML 122Page - STMicroelectronics STM32F303xC Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 148 page
background image
DocID023353 Rev 13
119/148
STM32F303xB STM32F303xC
Electrical characteristics
124
6.3.20
Comparator characteristics
Table 76. Comparator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
2
-
3.6
V
VIN
Comparator input voltage
range
-0
-
VDDA
VBG
Scaler input voltage
-
-
1.2
-
VSC
Scaler offset voltage
-
-
±5
±10
mV
tS_SC
VREFINT scaler startup
time from power down
First VREFINT scaler activation after device
power on
--
1(2)
s
Next activations
-
-
0.2
ms
tSTART
Comparator startup time
Startup time to reach propagation delay
specification
-
-
60
µs
tD
Propagation delay for
200 mV step with 100 mV
overdrive
Ultra-low-power mode
-
2
4.5
µs
Low-power mode
-
0.7
1.5
Medium power mode
-
0.3
0.6
High speed mode
VDDA ≥ 2.7 V
-
50
100
ns
VDDA < 2.7 V
-
100
240
Propagation delay for full
range step with 100 mV
overdrive
Ultra-low-power mode
-
2
7
µs
Low-power mode
-
0.7
2.1
Medium power mode
-
0.3
1.2
High speed mode
VDDA ≥ 2.7 V
-
90
180
ns
VDDA < 2.7 V
-
110
300
Voffset
Comparator offset error
-
-
±4
±10
mV
dVoffset/dT
Offset error temperature
coefficient
--
18
-
µV/°
C
IDD(COMP)
COMP current
consumption
Ultra-low-power mode
-
1.2
1.5
µA
Low-power mode
-
3
5
Medium power mode
-
10
15
High speed mode
-
75
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com