Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 131Page - STMicroelectronics STM32F303xC Datasheet HTML 132Page - STMicroelectronics STM32F303xC Datasheet HTML 133Page - STMicroelectronics STM32F303xC Datasheet HTML 134Page - STMicroelectronics STM32F303xC Datasheet HTML 135Page - STMicroelectronics STM32F303xC Datasheet HTML 136Page - STMicroelectronics STM32F303xC Datasheet HTML 137Page - STMicroelectronics STM32F303xC Datasheet HTML 138Page - STMicroelectronics STM32F303xC Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 148 page
background image
DocID023353 Rev 13
135/148
STM32F303xB STM32F303xC
Package information
141
Table 84. WLCSP100 – 100L, 4.166 x 4.628 mm 0.4 mm pitch wafer level chip scale
package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Typ
Min
Max
A
0.525
0.555
0.585
0.0207
0.0219
0.0230
A1
-
0.17
-
-
0.0067
-
A2
-
0.38
-
-
0.0150
-
A3(2)
2. Back side coating.
-
0.025
-
-
0.0010
-
Ø b(3)
3. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
0.22
0.25
0.28
-
0.0098
0.0110
D
4.166
4.201
4.236
-
0.1654
0.1668
E
4.628
4.663
4.698
-
0.1836
0.1850
e
-
0.4
-
-
0.0157
-
e1
-
3.6
-
-
0.1417
-
e2
-
3.6
-
-
0.1417
-
F
-
0.3005
-
-
0.0118
-
G
-
0.5315
-
-
0.0209
-
N
-
100
-
-
3.9370
-
aaa
-
0.1
-
-
0.0039
-
bbb
-
0.1
-
-
0.0039
-
ccc
-
0.1
-
-
0.0039
-
ddd
-
0.05
-
-
0.0020
-
eee
-
0.05
-
-
0.0020
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com