Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303xC Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32F303xC
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303xC Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32F303xC Datasheet HTML 140Page - STMicroelectronics STM32F303xC Datasheet HTML 141Page - STMicroelectronics STM32F303xC Datasheet HTML 142Page - STMicroelectronics STM32F303xC Datasheet HTML 143Page - STMicroelectronics STM32F303xC Datasheet HTML 144Page - STMicroelectronics STM32F303xC Datasheet HTML 145Page - STMicroelectronics STM32F303xC Datasheet HTML 146Page - STMicroelectronics STM32F303xC Datasheet HTML 147Page - STMicroelectronics STM32F303xC Datasheet HTML 148Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 144 / 148 page
background image
Revision history
STM32F303xB STM32F303xC
144/148
DocID023353 Rev 13
08-Jan-2013
5
Updated Vhys and Ilkg in Table 54: I/O static characteristics.
Updated VIL(NRST), VIH(NRST), and VNF(NRST) in Table 57: NRST pin
characteristics.
Updated Table 70: ADC accuracy - limited test conditions, 100-pin
packages and Table 64: ADC accuracy - limited test conditions 2).
24-Jun-2013
6
Replaced Cortex-M4F with Cortex M4 with FPU
Updated Core, Memories and SPI bullet points in Features
Removed 8KB CCM SRAM from STM32F302xx devices, updated
Figure 2: STM32F303xB/STM32F303xC block diagram and Table 3:
STM32F303xx family device features and peripheral counts
Updated Section 3.4: Embedded SRAM
Added VREF+ in Section 3.14: Digital-to-analog converter (DAC)
Removed DMA support for UART5 in Table 11: USART features
Added ‘reference clock detection’ bullet in Section 3.18: Real-time clock
(RTC) and backup registers
Added paragraph ‘The touch sensing controller is fully...’ in Section 3.26:
Touch sensing controller (TSC)
Updated Comparison of I2C analog and digital filters
Updated Section 3.10: General-purpose input/outputs (GPIOs)
Added ‘EVENTOUT’ in Table 16: STM32F302xB/STM32F302xC pin
definitions and added note to ‘VREF+’ pin
Updated
ΣIVDD in Table 22: Current characteristics and Output driving
current
Updated Table 61: I2C timings specification (see I2C specification,
rev.03, June 2007) and Figure 25: I2C bus AC waveforms and
measurement circuit
Added VREF+ row to Table 68: ADC characteristics, replaced VDDA
with VREF+, updated tconv and added note to ‘conversion voltage range
Added VREF+ row to Table 75: DAC characteristics and replaced VDDA
with VREF+
Added ‘PGA BW’ and ‘en’ in Table 77: Operational amplifier
characteristics
13-Nov-2013
7
Removed STM32F302xB/STM32F302xC products (now in a separate
datasheet).
Added I2S feature for SPI2 and SPI3
Added tSP to Table 61: I2C timings specification (see I2C specification,
rev.03, June 2007).
Renamed tSP to tAN inTable 62: I2C analog filter characteristics.
Added tSTAB in Table 68: ADC characteristics
Renamed VOPAMPx to VREFOPAMPx
Updated Table 71: ADC accuracy, 100-pin packages.
Updated ADC channel names in Section 3.13.1, Section 3.13.2 and
Section 3.13.3.
Table 88. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com