Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 49Page - STMicroelectronics STMPE24M31 Datasheet HTML 50Page - STMicroelectronics STMPE24M31 Datasheet HTML 51Page - STMicroelectronics STMPE24M31 Datasheet HTML 52Page - STMicroelectronics STMPE24M31 Datasheet HTML 53Page - STMicroelectronics STMPE24M31 Datasheet HTML 54Page - STMicroelectronics STMPE24M31 Datasheet HTML 55Page - STMicroelectronics STMPE24M31 Datasheet HTML 56Page - STMicroelectronics STMPE24M31 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
STMPE16M31, STMPE24M31
Touch sensor controller
Doc ID 16174 Rev 4
53/85
RATIO_ENG_REPT_CTRL
Ratio engine report control register
Address:
0x71
Type:
RW
Reset:
0x00
Description:
This register controls the report of movement in the ration engine.
CH_SEL
Channel selection register
Address:
0x72-0x74
Type:
RW
Reset:
0x000000
Description:
This register configures the active capacitive sensing channels.
Bit 7-0 (0x72)
Bit 15-8 (0x73)
Bit 23-16 (0x74)
76
543
210
MaxRptDrop
MinDisp
0
0
[7:4] MaxRptDrop
Maximum number of report that is dropped (due to displacement < MinDisp). If set to 0, all data
will be reported
[3:0] MinDisp
Minimum displacement of slider position before a report is generated. If set to 0, all data will be
reported
76
543
210
S7
S6
S5
S4
S3
S2
S1
S0
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
76
543
210
S15
S14
S13
S12
S11
S10
S9
S8
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
76
543
210
S23
S22
S21
S20
S19
S18
S17
S16
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com