Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 20Page - STMicroelectronics STMPE24M31 Datasheet HTML 21Page - STMicroelectronics STMPE24M31 Datasheet HTML 22Page - STMicroelectronics STMPE24M31 Datasheet HTML 23Page - STMicroelectronics STMPE24M31 Datasheet HTML 24Page - STMicroelectronics STMPE24M31 Datasheet HTML 25Page - STMicroelectronics STMPE24M31 Datasheet HTML 26Page - STMicroelectronics STMPE24M31 Datasheet HTML 27Page - STMicroelectronics STMPE24M31 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
System controller
STMPE16M31, STMPE24M31
24/85
Doc ID 16174 Rev 4
SYSCON-2
Sensor and PWM clock divider
Address:
0x04
Type:
R/W
Reset:
0xFE
Description:
Sensor and PWM clock divider. The SYSCON-2 register controls the sensor and
PWM clock speed, and the clock gating of various functional modules.
This bit will always read '0'. as the I2C transaction to read this bit will wake up the
device from hibernate mode.
76
543
210
SCLK_DIV
PCLK_DIV
GPIO_CLK
PWM_CLK
CS_CLK
RW
RW
RW
RW
11
1
0
[7:5] SCLK_DIV: Sensor clock divider.
000, 001, 010: RESERVED
011: 64
100: 128
101: 256
110: 512
111: 1024
Sensor clock is 2 MHz / ( PRBS_Factor * SCLK_DIV[2:0] )
PRBS factor = 4.5
[4:3] PCLK_DIV: PWM clock divider
00 for 16 kHz
01 for 32 kHz
10 for 64 kHz
11 for 128 kHz
[2] GPIO_CLK: GPIO clock disable
Write “1” to diWrite “1“ to disable the clock to GPIO module.
When clock to GPIO module is disabled, access to GPIO module register will not work correctly.
[1] PMW_CLK: PWM clock disable
Write “1“ to disable the clock to PWM module.
When clock to PWM module is disabled, access to PWM module register will not work correctly.
[0] CS_CLK: Capacitive sensor clock disable
Write “1“ to disable the clock to capactive sensor module
When clock to touch module is disabled, access to touch module registers will not work
correclty.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com