Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 56Page - STMicroelectronics STMPE24M31 Datasheet HTML 57Page - STMicroelectronics STMPE24M31 Datasheet HTML 58Page - STMicroelectronics STMPE24M31 Datasheet HTML 59Page - STMicroelectronics STMPE24M31 Datasheet HTML 60Page - STMicroelectronics STMPE24M31 Datasheet HTML 61Page - STMicroelectronics STMPE24M31 Datasheet HTML 62Page - STMicroelectronics STMPE24M31 Datasheet HTML 63Page - STMicroelectronics STMPE24M31 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
Touch sensor controller
STMPE16M31, STMPE24M31
60/85
Doc ID 16174 Rev 4
13.7
Ratiometric engine
The STMPE16M31/24M31 support ratiometric slider/wheel implementation where a very
high number of steps could be obtained from relatively few physical sensing channels. The
high number of steps is derived from the ratio of capacitance sensed between neighboring
channels.
To use the ratio engine, the system must:
–
Define a range of channels (must be continuous) between 3-8 channels to be
–
Used as slider/wheel input
–
Select slider/wheel configuration
–
Select noise filter setting
–
Enable ratio engine
–
After each set of data access, the RE bit in interrupt status register must be
cleared.
Figure 17.
Configuration of ratio
Table 15.
Ratiometric engine registers
Address
Register name
Reset value
R/W
Description
0x80
RATIO_ENG_SET
0x00
RW
General setup of ratio engine
0x81
RATIO_ENG1_CFG
0x00
RW
Configuration of ratio engine 1
0x82
RATIO_ENG2_CFG
0x00
RW
Configuration of ratio engine 2
0x83
RATIO_ENG_STA
0x00
R
Status of ratio engine
0x84
RATIO_ENG1_DATA
0x000000
R
Output data of ratio engine 1
0x87
RATIO_ENG2_DATA
0x000000
R
Output data of ratio engine 2
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com