Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 29Page - STMicroelectronics STMPE24M31 Datasheet HTML 30Page - STMicroelectronics STMPE24M31 Datasheet HTML 31Page - STMicroelectronics STMPE24M31 Datasheet HTML 32Page - STMicroelectronics STMPE24M31 Datasheet HTML 33Page - STMicroelectronics STMPE24M31 Datasheet HTML 34Page - STMicroelectronics STMPE24M31 Datasheet HTML 35Page - STMicroelectronics STMPE24M31 Datasheet HTML 36Page - STMicroelectronics STMPE24M31 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
STMPE16M31, STMPE24M31
GPIO controller
Doc ID 16174 Rev 4
33/85
9
GPIO controller
A total of 16 GPIOs are available in the STMPE24M31/STMPE16M31. Most of the GPIOs
are sharing physical pins with some alternate functions. The GPIO controller contains the
registers that allow the host system to configure each of the pins into either a GPIO, or one
of the alternate functions. Unused GPIOs should be configured as outputs to minimize the
power consumption.
Table 11.
GPIO controller registers
GPIO_DIR
GPIO direction register
Address:
0x10 – 0x11
Type:
RW
Reset:
0x00
Description:
Direction setting of the GPIO.
LSB (0x10)
MSB (0x11)
Address
Register name
Reset value
R/W
Description
0x10
GPDR
0X0000
R/W
GPIO direction register
0x12
GPMR
0X0000
R/W
GPOIO monitor pin state register
0x14
GPSR
0X0000
R/W
GPIO set pin register
0x16
GPFR
0X0000
R/W
GPIO alternate function register
76
543
210
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
76
543
210
IO-15
IO-14
IO-13
IO-12
IO-11
IO-10
IO-9
IO-8
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:0] IO - X
Write ‘1’ to a bit to set the corresponding I/O to output.
Write ‘0’ to a bit to set the corresponding I/O to input.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com