Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE24M31 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STMPE24M31
Description  S-Touch® 16/24-channel touchkey controller with PWM and ratio engines
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE24M31 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STMPE24M31 Datasheet HTML 24Page - STMicroelectronics STMPE24M31 Datasheet HTML 25Page - STMicroelectronics STMPE24M31 Datasheet HTML 26Page - STMicroelectronics STMPE24M31 Datasheet HTML 27Page - STMicroelectronics STMPE24M31 Datasheet HTML 28Page - STMicroelectronics STMPE24M31 Datasheet HTML 29Page - STMicroelectronics STMPE24M31 Datasheet HTML 30Page - STMicroelectronics STMPE24M31 Datasheet HTML 31Page - STMicroelectronics STMPE24M31 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
System controller
STMPE16M31, STMPE24M31
28/85
Doc ID 16174 Rev 4
INT_EN
Interrupt enable register
Address:
0x09
Type:
R/W
Reset:
0x00
Description:
Controls interrupt source enable.
76
543
210
GPIO
PWM
WAKEUP
ENV
EOC
TOUCH
RE2
RE1
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7] GPIO: Activity in GPIO
Write ‘1’ to enable interrupt signal from GPIO
Write ‘0’ to disable interrupt signal from GPIO
[6] PWM: Any channel of PWM has completed the programmed sequence
Write ‘1’ to enable interrupt signal from PWM
Write ‘0’ to disable interrupt signal from PWM
[5] Device wake up from SLEEP or HIBERNATE mode
Write ‘1’ to enable interrupt signal from wake-up event
Write ‘0’ to disable interrupt signal from wake-up event
[4] ENV: Possible drastic/abnormal environmental changes that requires attention from system
software. This event includes ‘calibration stuck’ and ‘tuning out of range’
Write ‘1’ to enable interrupt signal from calibration/tuning event
Write ‘0’ to disable interrupt signal from calibration/tuning event
[3] EOC: End of calibration
Write ‘1’ to enable interrupt signal from end of calibration event
Write ‘0’ to disable interrupt signal from end of calibration event
[2] TOUCH: Touchkey event
System should access touch detection register when this interrupt is received.
Touch interrupt source needs to be enabled to activate key filter data.
Write ‘1’ to enable interrupt signal from touch event
Write ‘0’ to disable interrupt signal from touch event
[1] RE2: Ratio engine 2 event
This bit needs to be enabled before accessing ratio engine data buffer
Write ‘1’ to enable interrupt signal from ratio engine 2
Write ‘0’ to disable interrupt signal from ratio engine 2
[0] RE1: Ratio engine 1 event
This bit needs to be enabled before accessing ratio engine data buffer
Write ‘1’ to enable interrupt signal from ratio engine 1
Write ‘0’ to disable interrupt signal from ratio engine 1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com